Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL42001 Datasheet (PDF) - Analog Devices

ADPL42001 Datasheet PDF - Analog Devices
Part # ADPL42001
Download  ADPL42001 Download
File Size   1082.9 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4V to 20V, 100mA, Ultra-Low Quiescent Current, Linear Regulator

ADPL42001 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADPL42001 Datasheet PDF - Analog Devices

Part # ADPL42001
Download  ADPL42001 Click to download

File Size   1082.9 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4V to 20V, 100mA, Ultra-Low Quiescent Current, Linear Regulator

ADPL42001 Datasheet (HTML) - Analog Devices


ADPL42001 Product details

GENERAL DESCRIPTION
The ADPL42001 ultra-low quiescent current, highvoltage
linear regulator is ideal for use in industrial and
battery-operated systems. The device operates from a
4V to 20V input voltage, delivers up to 100mA of load
current, and consumes only 8μA of quiescent current at
no load. The device consumes only 0.9μA current when
in shutdown. Output voltage is adjustable in the 0.6V to
18V voltage range. Feedback voltage accuracy is ±2%
over temperature.
An open-drain PGOOD pin provides a power-good signal
to the system, achieving successful regulation of the
output voltage. The device also incorporates an enable
pin (EN) that allows the user to turn the part on or off.
The device has a thermal shutdown feature that shuts
down the part when the die temperature exceeds 165°C.
The ADPL42001 operates over the -40°C to +125°C
industrial temperature range and is available in a 6-lead,
compact TSOT and a 6-pin (3mm x 3mm) TDFN
packages.
APPLICATIONS
 Battery-Powered Equipment
 Post Regulator for Switching Power Supplies
 Body Electronics and Lighting
BENEFITS AND FEATURES
 Easy to Use
 Only 4 External Components Required
 Stable with Tiny 4.7μF, 0805 Output Capacitor
 All Ceramic Capacitors, Compact Layout
 Reduces Number of Linear Regulators to Stock
 Wide 4V to 20V Input Voltage Range
 Adjustable 0.6V to 18V Output
 Up to 100mA Load Current Capability
 Operates Reliably in Adverse Industrial
Environments
 Built-In Output Voltage Monitoring with PGOOD
Pin
 High-Voltage ENABLE Input
 Low 8μA Quiescent Current
 Low Dropout Voltage of 560mV at 100mA
 Overload Protection
 Overtemperature Protection
 Wide -40°C to +125°C Ambient Operating
Temperature Range/-40°C to +150°C Junction
Temperature Range




Similar Part No. - ADPL42001

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPL42002 AD-ADPL42002 Datasheet
1Mb / 12P
ADPL42002 Evaluation Boards
Rev. 0
ADPL42002 AD-ADPL42002 Datasheet
903Kb / 22P
20V, 200mA, Low Noise, CMOS LDO Linear Regulator
Rev. 1
ADPL42002ACPZN-R7 AD-ADPL42002ACPZN-R7 Datasheet
903Kb / 22P
20V, 200mA, Low Noise, CMOS LDO Linear Regulator
Rev. 1
ADPL42002ACPZN1.8-R7 AD-ADPL42002ACPZN1.8-R7 Datasheet
903Kb / 22P
20V, 200mA, Low Noise, CMOS LDO Linear Regulator
Rev. 1
ADPL42002ACPZN2.5-R7 AD-ADPL42002ACPZN2.5-R7 Datasheet
903Kb / 22P
20V, 200mA, Low Noise, CMOS LDO Linear Regulator
Rev. 1
More results


Similar Description - ADPL42001

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM15413S UNIONSEMI-UM15413S Datasheet
403Kb / 12P
Ultra Low Quiescent Current Linear Regulator
logo
Infineon Technologies A...
TLS805B1SJV INFINEON-TLS805B1SJV_15 Datasheet
1Mb / 22P
Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-05
TLS810C1EJV33 INFINEON-TLS810C1EJV33_15 Datasheet
2Mb / 26P
Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-11
logo
Maxim Integrated Produc...
MAX17651 MAXIM-MAX17651 Datasheet
528Kb / 8P
60V, 100mA, Ultra-Low Quiescent Current, Linear Regulator
Rev 1; 3/16
logo
Union Semiconductor, In...
UM15313S UNIONSEMI-UM15313S_15 Datasheet
542Kb / 19P
Ultra Low Quiescent Current Linear Regulator
logo
Infineon Technologies A...
TLS810B1 INFINEON-TLS810B1 Datasheet
1Mb / 24P
Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-11-02
TLS805D1LDV50 INFINEON-TLS805D1LDV50 Datasheet
1Mb / 29P
Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2016-03-18
TLS805B1LDV50 INFINEON-TLS805B1LDV50 Datasheet
770Kb / 24P
Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.10, 2016-04-20
TLS805B1LDV INFINEON-TLS805B1LDV Datasheet
1Mb / 26P
Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2, 2016-01-11
logo
Fitipower Integrated Te...
FP6141 FITIPOWER-FP6141 Datasheet
498Kb / 10P
100mA Ultra-Low Quiescent Current Low Dropout Regulator
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com