Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL42001 Datasheet(PDF) 7 Page - Analog Devices

Part # ADPL42001
Description  4V to 20V, 100mA, Ultra-Low Quiescent Current, Linear Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL42001 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADPL42001 Datasheet HTML 3Page - Analog Devices ADPL42001 Datasheet HTML 4Page - Analog Devices ADPL42001 Datasheet HTML 5Page - Analog Devices ADPL42001 Datasheet HTML 6Page - Analog Devices ADPL42001 Datasheet HTML 7Page - Analog Devices ADPL42001 Datasheet HTML 8Page - Analog Devices ADPL42001 Datasheet HTML 9Page - Analog Devices ADPL42001 Datasheet HTML 10Page - Analog Devices ADPL42001 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Data Sheet
ADPL42001
analog.com
Rev. 0
7 of 17
FUNCTIONAL DIAGRAM
THERMAL
PROTECTION
CONTROL
LOGIC
BANDGAP
FET DRIVER WITH
CURRENT LIMIT
REF = 0.6V
GND
PGOOD
FB
OUT
IN
EN
ADPL42001
Figure 1. Block Diagram
THEORY OF OPERATION
The ADPL42001 ultra-low quiescent current, high-voltage linear regulator is ideal for use in industrial and battery-
operated systems. The device operates from a 4V to 20V input voltage, delivers up to 100mA of load current and
consumes only 8μA of quiescent current at no load. The device consumes only 0.9μA current when in shutdown.
Output voltage is adjustable from 0.6V to 18V voltage range. Feedback voltage accuracy is ±2% over temperature.
An open-drain PGOOD pin provides a power-good signal to the system upon achieving successful regulation of the
output voltage. The device also incorporates an enable pin (EN) that allows the user to turn the part on or off. The
device has a thermal shutdown feature that shuts down the part when the die temperature exceeds 165°C. The
ADPL42001 operates over the -40°C to +125°C industrial temperature range and is available in a compact, 6-lead
TSOT and a 6-pin (3mm x 3mm) TDFN packages.
EN Input
EN is an active-high, logic-level enable input that turns the device on or off. Drive EN high to turn the device on. While
in shutdown, the device consumes only 0.9μA (typ). EN withstands voltages up to VIN + 0.3V, allowing it to be driven
by high input-level voltages, or be connected to IN for always-on operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com