Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL42001 Datasheet(PDF) 1 Page - Analog Devices

Part # ADPL42001
Description  4V to 20V, 100mA, Ultra-Low Quiescent Current, Linear Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL42001 Datasheet(HTML) 1 Page - Analog Devices

  ADPL42001 Datasheet HTML 1Page - Analog Devices ADPL42001 Datasheet HTML 2Page - Analog Devices ADPL42001 Datasheet HTML 3Page - Analog Devices ADPL42001 Datasheet HTML 4Page - Analog Devices ADPL42001 Datasheet HTML 5Page - Analog Devices ADPL42001 Datasheet HTML 6Page - Analog Devices ADPL42001 Datasheet HTML 7Page - Analog Devices ADPL42001 Datasheet HTML 8Page - Analog Devices ADPL42001 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Data Sheet
ADPL42001
4V to 20V, 100mA, Ultra-Low Quiescent Current, Linear Regulator
19-101924; Rev. 0; 9/24
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
One Analog Wa y, Wilmington, MA 01887 -2356, U.S.A.
Tel: 781.329.47 00
©2024 Analog Devices, Inc. Al l rights rese rve d.
GENERAL DESCRIPTION
The ADPL42001 ultra-low quiescent current, high-
voltage linear regulator is ideal for use in industrial and
battery-operated systems. The device operates from a
4V to 20V input voltage, delivers up to 100mA of load
current, and consumes only 8μA of quiescent current at
no load. The device consumes only 0.9μA current when
in shutdown. Output voltage is adjustable in the 0.6V to
18V voltage range. Feedback voltage accuracy is ±2%
over temperature.
An open-drain PGOOD pin provides a power-good signal
to the system, achieving successful regulation of the
output voltage. The device also incorporates an enable
pin (EN) that allows the user to turn the part on or off.
The device has a thermal shutdown feature that shuts
down the part when the die temperature exceeds 165°C.
The ADPL42001 operates over the -40°C to +125°C
industrial temperature range and is available in a 6-lead,
compact TSOT and a 6-pin (3mm x 3mm) TDFN
packages.
APPLICATIONS
Battery-Powered Equipment
Post Regulator for Switching Power Supplies
Body Electronics and Lighting
BENEFITS AND FEATURES
Easy to Use
Only 4 External Components Required
Stable with Tiny 4.7μF, 0805 Output Capacitor
All Ceramic Capacitors, Compact Layout
Reduces Number of Linear Regulators to Stock
Wide 4V to 20V Input Voltage Range
Adjustable 0.6V to 18V Output
Up to 100mA Load Current Capability
Operates Reliably in Adverse Industrial
Environments
Built-In Output Voltage Monitoring with PGOOD
Pin
High-Voltage ENABLE Input
Low 8μA Quiescent Current
Low Dropout Voltage of 560mV at 100mA
Overload Protection
Overtemperature Protection
Wide -40°C to +125°C Ambient Operating
Temperature Range/-40°C to +150°C Junction
Temperature Range
Ordering Information appears at end of data sheet.
TYPICAL APPLICATION CIRCUIT
ADPL42001
IN
EN
GND
OUT
PGOOD
FB
VIN
6.1V TO 20V
VOUT
5V
R1
432k
R2
59k
COUT
4.7µF
CIN
0.1µF


Similar Part No. - ADPL42001

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPL42002 AD-ADPL42002 Datasheet
1Mb / 12P
ADPL42002 Evaluation Boards
Rev. 0
ADPL42002 AD-ADPL42002 Datasheet
903Kb / 22P
20V, 200mA, Low Noise, CMOS LDO Linear Regulator
Rev. 1
ADPL42002ACPZN-R7 AD-ADPL42002ACPZN-R7 Datasheet
903Kb / 22P
20V, 200mA, Low Noise, CMOS LDO Linear Regulator
Rev. 1
ADPL42002ACPZN1.8-R7 AD-ADPL42002ACPZN1.8-R7 Datasheet
903Kb / 22P
20V, 200mA, Low Noise, CMOS LDO Linear Regulator
Rev. 1
ADPL42002ACPZN2.5-R7 AD-ADPL42002ACPZN2.5-R7 Datasheet
903Kb / 22P
20V, 200mA, Low Noise, CMOS LDO Linear Regulator
Rev. 1
More results

Similar Description - ADPL42001

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM15413S UNIONSEMI-UM15413S Datasheet
403Kb / 12P
Ultra Low Quiescent Current Linear Regulator
logo
Infineon Technologies A...
TLS805B1SJV INFINEON-TLS805B1SJV_15 Datasheet
1Mb / 22P
Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-05
TLS810C1EJV33 INFINEON-TLS810C1EJV33_15 Datasheet
2Mb / 26P
Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-11
logo
Maxim Integrated Produc...
MAX17651 MAXIM-MAX17651 Datasheet
528Kb / 8P
60V, 100mA, Ultra-Low Quiescent Current, Linear Regulator
Rev 1; 3/16
logo
Union Semiconductor, In...
UM15313S UNIONSEMI-UM15313S_15 Datasheet
542Kb / 19P
Ultra Low Quiescent Current Linear Regulator
logo
Infineon Technologies A...
TLS810B1 INFINEON-TLS810B1 Datasheet
1Mb / 24P
Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-11-02
TLS805D1LDV50 INFINEON-TLS805D1LDV50 Datasheet
1Mb / 29P
Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2016-03-18
TLS805B1LDV50 INFINEON-TLS805B1LDV50 Datasheet
770Kb / 24P
Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.10, 2016-04-20
TLS805B1LDV INFINEON-TLS805B1LDV Datasheet
1Mb / 26P
Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2, 2016-01-11
logo
Fitipower Integrated Te...
FP6141 FITIPOWER-FP6141 Datasheet
498Kb / 10P
100mA Ultra-Low Quiescent Current Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com