Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL42002 Datasheet (PDF) - Analog Devices

ADPL42002 Datasheet PDF - Analog Devices
Part # ADPL42002
Download  ADPL42002 Download
File Size   1315.67 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description ADPL42002 Evaluation Boards

ADPL42002 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADPL42002 Datasheet PDF - Analog Devices

Part # ADPL42002
Download  ADPL42002 Click to download

File Size   1315.67 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description ADPL42002 Evaluation Boards

ADPL42002 Datasheet (HTML) - Analog Devices


ADPL42002 Product details

Features
•Input Voltage Range: 3.8V to 20V
•Resistor Programmed: 3.3V Output Voltage
•Maximum Output Current: 200mA
•Jumper Turns Regulator ON or Connects the EN Pin toa Connector to Turn the Regulator ON or OFFExternally
•Jumper Connects the SENSE/ADJ Pin to the OutputThrough a Resistor Divider or Directly
•VIN, VOUT, and GND Test Points for Regulations andDropout Voltage Monitoring
•Component Placeholders for an RC Network that canReduce Noise when the SENSE/ADJ Pin Connects tothe Output Through a Resistor Divider
•Component Placeholder for a Soft-Start Capacitor
•SS Test Point for Soft-Start Voltage Monitoring -LFCSPPackage Evaluation Board Only
•6-Lead (2mm x 2mm) LFCSP Package or an 8-LeadSOIC Package




Similar Part No. - ADPL42002

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPL42002 AD-ADPL42002 Datasheet
903Kb / 22P
20V, 200mA, Low Noise, CMOS LDO Linear Regulator
Rev. 1
ADPL42002ACPZN-R7 AD-ADPL42002ACPZN-R7 Datasheet
903Kb / 22P
20V, 200mA, Low Noise, CMOS LDO Linear Regulator
Rev. 1
ADPL42002ACPZN1.8-R7 AD-ADPL42002ACPZN1.8-R7 Datasheet
903Kb / 22P
20V, 200mA, Low Noise, CMOS LDO Linear Regulator
Rev. 1
ADPL42002ACPZN2.5-R7 AD-ADPL42002ACPZN2.5-R7 Datasheet
903Kb / 22P
20V, 200mA, Low Noise, CMOS LDO Linear Regulator
Rev. 1
ADPL42002ACPZN3.3-R7 AD-ADPL42002ACPZN3.3-R7 Datasheet
903Kb / 22P
20V, 200mA, Low Noise, CMOS LDO Linear Regulator
Rev. 1
More results


Similar Description - ADPL42002

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
EVDD408 IXYS-EVDD408 Datasheet
85Kb / 2P
Gate Driver IC Evaluation Boards
logo
Analog Devices
ADP1712 AD-ADP1712 Datasheet
254Kb / 8P
evaluation boards
REV. 0
logo
CRYSTEK CORPORATION
CEVAL-033 CRYSTEKMICROWAVE-CEVAL-033 Datasheet
298Kb / 1P
VCO Evaluation Boards
logo
STMicroelectronics
SPC570SADPT64S STMICROELECTRONICS-SPC570SADPT64S Datasheet
217Kb / 3P
SPC570Sx microcontroller premium evaluation boards
16-Jun-2015
SPC574SADPT144S STMICROELECTRONICS-SPC574SADPT144S Datasheet
233Kb / 4P
SPC574Sx microcontroller premium evaluation boards
26-Jan-2016
logo
Vicor Corporation
MP028F036M12AL-CB VICOR-MP028F036M12AL-CB Datasheet
507Kb / 9P
PRM짰 and VTM짰 Customer Evaluation Boards
PRD48AF480T400A00 VICOR-PRD48AF480T400A00 Datasheet
2Mb / 9P
PRM-AL Customer Evaluation Boards
V048F080T030-CB VICOR-V048F080T030-CB Datasheet
507Kb / 9P
PRM짰 and VTM짰 Customer Evaluation Boards
logo
Taoglas antenna solutio...
DTAD.01.A.50 TAOGLAS-DTAD.01.A.50_17 Datasheet
1Mb / 25P
Compact Evaluation Boards
logo
STMicroelectronics
STM32MP157A-EV1 STMICROELECTRONICS-STM32MP157A-EV1 Datasheet
3Mb / 7P
Evaluation boards with STM32MP157 MPUs
August 2019
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com