Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL42002 Datasheet(PDF) 4 Page - Analog Devices

Part # ADPL42002
Description  ADPL42002 Evaluation Boards
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL42002 Datasheet(HTML) 4 Page - Analog Devices

  ADPL42002 Datasheet HTML 1Page - Analog Devices ADPL42002 Datasheet HTML 2Page - Analog Devices ADPL42002 Datasheet HTML 3Page - Analog Devices ADPL42002 Datasheet HTML 4Page - Analog Devices ADPL42002 Datasheet HTML 5Page - Analog Devices ADPL42002 Datasheet HTML 6Page - Analog Devices ADPL42002 Datasheet HTML 7Page - Analog Devices ADPL42002 Datasheet HTML 8Page - Analog Devices ADPL42002 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Evaluation Board User Guide
ADPL42002 Evaluation
Boards
analog.com
Rev. 0
4 of 12
Performance Summary
Specifications are at TA = +25°C, unless otherwise noted.
Table 1. Performance Summary of the LFCSP Package Evaluation Board
PARAMETER
SYMBOL
TEST CONDITIONS/COMMENTS
MIN
TYP
MAX
UNIT
Input Voltage Range
VIN
IOUT = 10mA, VOUT = 3.3V
3.8
20
V
IOUT = 200mA, VOUT = 3.3V
3.8
7.81
V
Output Voltage
VOUT
VIN = 5V, IOUT = 200mA, R1 = 17.4kΩ,
R2 = 10kΩ
3.22
3.29
3.36
V
Feedback Divider Current
IFB
JP1 = pins 2-3, JP2 = pins 1-2, R1 = 17.4kΩ,
R2 = 10kΩ
120
µA
Shutdown Input Current
IGND_SD
JP1 = pins 1-2, VIN = 4.3V, EN = GND
1.8
µA
1 The maximum power dissipation and, consequently, the maximum input voltage for an output that is programmed to
3.3V with a 200mA load is determined by the 60°C temperature rise of the ADPL42002 on the evaluation board. In
addition, consider the effect of ambient temperature and the maximum junction temperature that may occur. Refer to
the ADPL42002 data sheet for more information.
Table 2. Performance Summary of the SOIC Package Evaluation Board
PARAMETER
SYMBOL
TEST CONDITIONS/COMMENTS
MIN
TYP
MAX
UNIT
Input Voltage Range
VIN
IOUT = 10mA, VOUT = 3.3V
3.8
20
V
IOUT = 200mA, VOUT = 3.3V
3.8
9.471
V
Output Voltage
VOUT
VIN = 5V, IOUT = 200mA, R1 = 17.4kΩ,
R2 = 10kΩ
3.22
3.29
3.36
V
Feedback Divider Current
IFB
JP1 = pins 2-3, JP2 = pins 1-2, R1 = 17.4kΩ,
R2 = 10kΩ
120
µA
Shutdown Input Current
IGND_SD
JP1 = pins 1-2, VIN = 4.3V, EN = GND
1.8
µA
1 The maximum power dissipation and, consequently, the maximum input voltage for an output that is programmed to
3.3V with a 200mA load is determined by the 60°C temperature rise of the ADPL42002 on the evaluation board. In
addition, consider the effect of ambient temperature and the maximum junction temperature that may occur. Refer to
the ADPL42002 data sheet for more information.
Printed Circuit Board (PCB) Layout
The printed circuit boards (PCBs) for these evaluation boards are 0.062 inches thick and 1.5 inches square. There are
two copper layers, and the finished copper thickness is 1 ounce. The input capacitor, ADPL42002, and output capacitor
are all placed on the top side of the PCB. The input and output capacitors are placed near the ADPL42002 with their
ground terminals close to each other. The input capacitor, output capacitor, and ADPL42002 grounds all connect on one
side of the device, while grounds for control signals connect to the ADPL42002 on the other side of the device. The bottom
side of the PCB is a solid ground plane that connects to the ground on the top PCB layer by thermal vias under or near
the ADPL42002 and at other points. Layout may significantly affect circuit electrical performance and reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com