Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL42002 Datasheet(PDF) 2 Page - Analog Devices

Part # ADPL42002
Description  ADPL42002 Evaluation Boards
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL42002 Datasheet(HTML) 2 Page - Analog Devices

  ADPL42002 Datasheet HTML 1Page - Analog Devices ADPL42002 Datasheet HTML 2Page - Analog Devices ADPL42002 Datasheet HTML 3Page - Analog Devices ADPL42002 Datasheet HTML 4Page - Analog Devices ADPL42002 Datasheet HTML 5Page - Analog Devices ADPL42002 Datasheet HTML 6Page - Analog Devices ADPL42002 Datasheet HTML 7Page - Analog Devices ADPL42002 Datasheet HTML 8Page - Analog Devices ADPL42002 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Evaluation Board User Guide
ADPL42002 Evaluation
Boards
analog.com
Rev. 0
2 of 12
Quick Start
Required Equipment
• A DC power supply
• Multimeters for voltage and current measurements
• Electronic or resistive loads
Procedure
The ADPL42002 evaluation boards are simple to set up to
evaluate the performance of the ADPL42002. See
Figure 1 or Figure 2 for the evaluation board connections,
and take the following steps:
1. Connect the load between the VOUT and GND
terminals.
2. With the input power supply off and turned down,
connect the input supply to the VIN and GND terminals.
Ensure that the shunt of JP1 connects EN to VIN
according to the jumper connection guide. Also ensure
that the shunt of JP2 allows the resistor divider to
program the output to 3.3V according to the jumper
connection guide.
3. With the load turned down, turn the input power supply
on and increase the voltage to 3.8V or higher.
4. Vary VIN from 3.8V to 20V and the load current from 0A
to 200mA. Observe conservative power dissipation
limits and note the following when setting VIN and the
load current:
• An input voltage that is too close to the programmed
output voltage (too low) can cause dropout
operation and a loss of output-voltage regulation.
• The amount of output current combined with an
input voltage that is too high above the output can
increase power dissipation to an unacceptable
level.
5. Monitor regulation and dropout voltage at the VIN, VOUT,
and GND test points.
6. To apply an EN signal externally, reposition jumper JP1
and apply the EN signal to the EN connector.
7. If an output voltage other than 3.3V is desired, change
resistors R1 and R2.
8. An RC network can be installed in the component
placeholder locations in parallel with the top feedback
divider resistor R1 to improve noise performance.
Refer to the ADPL42002 data sheet for details.
9. JP2 is a convenient way to connect the SENSE/ADJ
pin directly to the output if a fixed-output ADPL42002 is
installed. The bottom feedback divider resistor R2 may
be removed as well.
10. A soft-start capacitor can be installed in the C3
placeholder.
On
the
LFCSP
package
version
evaluation board only, monitor the soft start voltage at
the SS test point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com