Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL42002 Datasheet(PDF) 1 Page - Analog Devices

Part # ADPL42002
Description  ADPL42002 Evaluation Boards
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL42002 Datasheet(HTML) 1 Page - Analog Devices

  ADPL42002 Datasheet HTML 1Page - Analog Devices ADPL42002 Datasheet HTML 2Page - Analog Devices ADPL42002 Datasheet HTML 3Page - Analog Devices ADPL42002 Datasheet HTML 4Page - Analog Devices ADPL42002 Datasheet HTML 5Page - Analog Devices ADPL42002 Datasheet HTML 6Page - Analog Devices ADPL42002 Datasheet HTML 7Page - Analog Devices ADPL42002 Datasheet HTML 8Page - Analog Devices ADPL42002 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Evaluation Board User Guide
ADPL42002 Evaluation Boards
Evaluate: ADPL42002
Rev. 0
DOCUMENT FEEDBACK
One Analog Wa y, Wilmington, MA 01887 -2356, U.S.A.
Tel: 781.329.47 00
TECHNICAL SUPPORT
©2025 Analog Devices, Inc. Al l rights re serve d.
General Description
The
ADPL42002
evaluation
boards
evaluate
the
ADPL42002, a 20V, 200mA, low noise, CMOS, low
dropout (LDO) linear regulator.
See the Ordering Information section for the two types of
evaluation boards available to evaluate the ADPL42002.
One board features a 6-lead, 2mm x 2mm LFCSP
package, while the other utilizes an 8-lead SOIC package.
The evaluation boards provide a 3.3V output over an input
range of 3.8V to 20V. The maximum output current is
200mA, but output current is also limited by the thermal
dissipation of the ADPL42002. The evaluation boards use
the adjustable version of the ADPL42002. A resistor
divider programs the output of the adjustable ADPL42002
to 3.3V. Noise performance for the adjustable ADPL42002
can be made comparable to a fixed output ADPL42002 by
installing optional RC network components into the
placeholders that the evaluation board printed circuit board
(PCB) designs provide. The evaluation boards can easily
be configured with a jumper for fixed output versions of the
ADPL42002 that normally have their SENS/ADJ pin
connected directly to the output.
In addition to connectors for the input voltage, output
voltage, EN control signal and ground, the evaluation
boards provide test points for the input, output, and SS pin
(for the LFCSP package) voltages. A jumper normally
connects the EN pin to the VIN input, but the jumper can
be repositioned so EN can be driven externally at its
connector instead. A pull-down resistor is also connected
to the EN pin to drive the pin low when the device needs
to be turned off.
For more details, refer to the ADPL42002 data sheet,
which must be consulted in addition to this user guide
when using the ADPL42002 evaluation boards.
Features and Benefits
• Input Voltage Range: 3.8V to 20V
• Resistor Programmed: 3.3V Output Voltage
• Maximum Output Current: 200mA
• Jumper Turns Regulator ON or Connects the EN Pin to
a Connector to Turn the Regulator ON or OFF
Externally
• Jumper Connects the SENSE/ADJ Pin to the Output
Through a Resistor Divider or Directly
• VIN, VOUT, and GND Test Points for Regulations and
Dropout Voltage Monitoring
• Component Placeholders for an RC Network that can
Reduce Noise when the SENSE/ADJ Pin Connects to
the Output Through a Resistor Divider
• Component Placeholder for a Soft-Start Capacitor
• SS Test Point for Soft-Start Voltage Monitoring -LFCSP
Package Evaluation Board Only
• 6-Lead (2mm x 2mm) LFCSP Package or an 8-Lead
SOIC Package
Ordering Information appears at end of data sheet.


Similar Part No. - ADPL42002

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPL42002 AD-ADPL42002 Datasheet
903Kb / 22P
20V, 200mA, Low Noise, CMOS LDO Linear Regulator
Rev. 1
ADPL42002ACPZN-R7 AD-ADPL42002ACPZN-R7 Datasheet
903Kb / 22P
20V, 200mA, Low Noise, CMOS LDO Linear Regulator
Rev. 1
ADPL42002ACPZN1.8-R7 AD-ADPL42002ACPZN1.8-R7 Datasheet
903Kb / 22P
20V, 200mA, Low Noise, CMOS LDO Linear Regulator
Rev. 1
ADPL42002ACPZN2.5-R7 AD-ADPL42002ACPZN2.5-R7 Datasheet
903Kb / 22P
20V, 200mA, Low Noise, CMOS LDO Linear Regulator
Rev. 1
ADPL42002ACPZN3.3-R7 AD-ADPL42002ACPZN3.3-R7 Datasheet
903Kb / 22P
20V, 200mA, Low Noise, CMOS LDO Linear Regulator
Rev. 1
More results

Similar Description - ADPL42002

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
EVDD408 IXYS-EVDD408 Datasheet
85Kb / 2P
Gate Driver IC Evaluation Boards
logo
Analog Devices
ADP1712 AD-ADP1712 Datasheet
254Kb / 8P
evaluation boards
REV. 0
logo
CRYSTEK CORPORATION
CEVAL-033 CRYSTEKMICROWAVE-CEVAL-033 Datasheet
298Kb / 1P
VCO Evaluation Boards
logo
STMicroelectronics
SPC570SADPT64S STMICROELECTRONICS-SPC570SADPT64S Datasheet
217Kb / 3P
SPC570Sx microcontroller premium evaluation boards
16-Jun-2015
SPC574SADPT144S STMICROELECTRONICS-SPC574SADPT144S Datasheet
233Kb / 4P
SPC574Sx microcontroller premium evaluation boards
26-Jan-2016
logo
Vicor Corporation
MP028F036M12AL-CB VICOR-MP028F036M12AL-CB Datasheet
507Kb / 9P
PRM짰 and VTM짰 Customer Evaluation Boards
PRD48AF480T400A00 VICOR-PRD48AF480T400A00 Datasheet
2Mb / 9P
PRM-AL Customer Evaluation Boards
V048F080T030-CB VICOR-V048F080T030-CB Datasheet
507Kb / 9P
PRM짰 and VTM짰 Customer Evaluation Boards
logo
Taoglas antenna solutio...
DTAD.01.A.50 TAOGLAS-DTAD.01.A.50_17 Datasheet
1Mb / 25P
Compact Evaluation Boards
logo
STMicroelectronics
STM32MP157A-EV1 STMICROELECTRONICS-STM32MP157A-EV1 Datasheet
3Mb / 7P
Evaluation boards with STM32MP157 MPUs
August 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com