Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL42002 Datasheet(PDF) 6 Page - Analog Devices

Part # ADPL42002
Description  ADPL42002 Evaluation Boards
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL42002 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADPL42002 Datasheet HTML 2Page - Analog Devices ADPL42002 Datasheet HTML 3Page - Analog Devices ADPL42002 Datasheet HTML 4Page - Analog Devices ADPL42002 Datasheet HTML 5Page - Analog Devices ADPL42002 Datasheet HTML 6Page - Analog Devices ADPL42002 Datasheet HTML 7Page - Analog Devices ADPL42002 Datasheet HTML 8Page - Analog Devices ADPL42002 Datasheet HTML 9Page - Analog Devices ADPL42002 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Evaluation Board User Guide
ADPL42002 Evaluation
Boards
analog.com
Rev. 0
6 of 12
SOIC Package Evaluation Board Bill of Materials
ITEM
QUANTITY
REFERENCE
DESIGNATOR
PART
DESCRIPTION
MANUFACTURER,
PART NUMBER
Required Circuit
Components
1
2
C1, C2
2.2µF Capacitor, X7R, 50V 10%, 1210,
soft termination
TDK,
C3225X7R1H225K200AE
2
1
R1
17.4kΩ Resistor, 1%, 1/8W, 0805,
AEC-Q200
VISHAY,
CRCW080517K4FKEA
3
1
R2
10kΩ Resistor, 1%, 1/2W, 0805,
AEC-Q200
VISHAY,
CRCW080510K0FKEAHP
4
1
R4
100kΩ Resistor, 1%, 1/2W, 0805,
AEC-Q200
VISHAY,
CRCW0805100KFKEAHP
5
1
U1
20V, 200mA, Low noise, CMOS LDO
Linear Regulator
Analog Devices Inc.,
ADPL42002ARDZ-R7
Optional Evaluation
Board Components
1
C3, C4
Capacitor, 0805, Optional
2
R3
Resistor, 0805, Optional
Hardware
1
2
J1, J3
Connector, header, male, 2 x 4, 2.54mm,
vertical, straight, through hole
SULLINS,
PEC04DAAN
2
1
J2
Connector, header, male, 1 x 2, 2.54mm,
vertical, straight, through hole
SULLINS,
PEC02SAAN
3
4
J4 to J7
Connector, header, male, 2 x 2, 2.54mm,
vertical, straight, through hole
SULLINS,
PEC02DAAN
4
2
JP1, JP2
Connector, header, male, 1 x 3, 2.54mm,
vertical, straight, through hole
SULLINS,
PEC03SAAN
5
2
XJP1, XJP2
Connector, shunt, female, 2 position,
2.54mm
SULLINS,
SPC02SYAN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com