Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL42001 Datasheet(PDF) 15 Page - Analog Devices

Part # ADPL42001
Description  4V to 20V, 100mA, Ultra-Low Quiescent Current, Linear Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL42001 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADPL42001 Datasheet HTML 9Page - Analog Devices ADPL42001 Datasheet HTML 10Page - Analog Devices ADPL42001 Datasheet HTML 11Page - Analog Devices ADPL42001 Datasheet HTML 12Page - Analog Devices ADPL42001 Datasheet HTML 13Page - Analog Devices ADPL42001 Datasheet HTML 14Page - Analog Devices ADPL42001 Datasheet HTML 15Page - Analog Devices ADPL42001 Datasheet HTML 16Page - Analog Devices ADPL42001 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Data Sheet
ADPL42001
analog.com
Rev. 0
15 of 17
ORDERING INFORMATION
Table 5. Ordering Guide
PART
PIN-PACKAGE
TEMP RANGE
ADPL42001AZT+
6 TSOT
-40°C to +125°C
ADPL42001AZT+T
6 TSOT
-40°C to +125°C
ADPL42001ATT+
6 TDFN-EP*
-40°C to +125°C
ADPL42001ATT+T
6 TDFN-EP*
-40°C to +125°C
*EP = Exposed pad.
+Denotes a lead(Pb)-free/RoHS-compliant package.
T = Tape and reel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com