Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL42001 Datasheet(PDF) 10 Page - Analog Devices

Part # ADPL42001
Description  4V to 20V, 100mA, Ultra-Low Quiescent Current, Linear Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL42001 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADPL42001 Datasheet HTML 6Page - Analog Devices ADPL42001 Datasheet HTML 7Page - Analog Devices ADPL42001 Datasheet HTML 8Page - Analog Devices ADPL42001 Datasheet HTML 9Page - Analog Devices ADPL42001 Datasheet HTML 10Page - Analog Devices ADPL42001 Datasheet HTML 11Page - Analog Devices ADPL42001 Datasheet HTML 12Page - Analog Devices ADPL42001 Datasheet HTML 13Page - Analog Devices ADPL42001 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Data Sheet
ADPL42001
analog.com
Rev. 0
10 of 17
TYPICAL APPLICATION CIRCUIT
ADPL42001
IN
EN
GND
OUT
PGOOD
FB
VIN
6.1V TO 20V
VOUT
5V
R1
432k
R2
59k
COUT
4.7µF
CIN
0.1µF
Figure 3. Application Circuit for 5V Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com