Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL42001 Datasheet(PDF) 8 Page - Analog Devices

Part # ADPL42001
Description  4V to 20V, 100mA, Ultra-Low Quiescent Current, Linear Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL42001 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADPL42001 Datasheet HTML 4Page - Analog Devices ADPL42001 Datasheet HTML 5Page - Analog Devices ADPL42001 Datasheet HTML 6Page - Analog Devices ADPL42001 Datasheet HTML 7Page - Analog Devices ADPL42001 Datasheet HTML 8Page - Analog Devices ADPL42001 Datasheet HTML 9Page - Analog Devices ADPL42001 Datasheet HTML 10Page - Analog Devices ADPL42001 Datasheet HTML 11Page - Analog Devices ADPL42001 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Data Sheet
ADPL42001
analog.com
Rev. 0
8 of 17
Thermal Protection
When the junction temperature exceeds +165°C, an internal thermal sensor turns the pass transistor off, allowing the
device to cool. The thermal sensor turns the pass transistor on again after the junction temperature cools by 15°C.
This results in a cycled output during continuous thermal-overload conditions. Thermal protection protects the
ADPL42001 in the event of fault conditions.
Output Short-Circuit Current Limit
The ADPL42001 features a 140mA (typ) current limit. The output can be shorted to GND for an indefinite period
without damage to the device. During a short-circuit event, the power dissipated across the internal pass transistor
can quickly heat the device. When the die temperature reaches +165°C, the ADPL42001 shuts down and automatically
restarts once the die temperature cools by 15°C.
APPLICATIONS INFORMATION
Output Voltage Setting
The output voltage can be programmed from 0.6V to 18V. Set the output voltage by connecting a resistor divider
from output to FB to GND. Choose R2 = 59kΩ, then calculate R1 with the following equation:
R1 = 98.3 x (VOUT - 0.6)kΩ
Output Capacitor Selection
If the output voltage is less than 1.8V, use a low-ESR 10µF(min) 0805 ceramic output capacitor for good load transient
response. If the output voltage is greater than or equal to 1.8V, use a low-ESR 4.7µF(min) 0805 ceramic output
capacitor.
VOUT
R1
R2
FB
GND
Figure 2. Setting the Output Voltage
Available Output Current Calculation
At a particular operating condition, the power loss that leads to the temperature rise of the part is estimated as
follows:
PLOSS = (VIN - VOUT) x ILOAD
where VIN is the input voltage, VOUT is the output voltage, and ILOAD is the load current.
For a multilayer board, the thermal performance metrics for the packages are given in Table 4.
The junction temperature of the ADPL42001 can be estimated at any given maximum ambient temperature (TA_MAX)
from the equation below:
������������ = ������������_������������������ + (������������������ × ������������������������������)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com