Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL42001 Datasheet(PDF) 4 Page - Analog Devices

Part # ADPL42001
Description  4V to 20V, 100mA, Ultra-Low Quiescent Current, Linear Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL42001 Datasheet(HTML) 4 Page - Analog Devices

  ADPL42001 Datasheet HTML 1Page - Analog Devices ADPL42001 Datasheet HTML 2Page - Analog Devices ADPL42001 Datasheet HTML 3Page - Analog Devices ADPL42001 Datasheet HTML 4Page - Analog Devices ADPL42001 Datasheet HTML 5Page - Analog Devices ADPL42001 Datasheet HTML 6Page - Analog Devices ADPL42001 Datasheet HTML 7Page - Analog Devices ADPL42001 Datasheet HTML 8Page - Analog Devices ADPL42001 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Data Sheet
ADPL42001
analog.com
Rev. 0
4 of 17
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
ADPL42001
+
2
3
4
5
6
*EP
TDFN
TSOT
TOP VIEW
ADPL42001
IN
1
2
GND
EN
3
6
5
4
+
OUT
FB
PGOOD
TOP VIEW
1
Pin Descriptions
Table 3. Pin Descriptions
PIN
NAME
DESCRIPTION
TSOT
TDFN
1
2
EN
Active-High, Enable Input. Force EN high (or connect to IN) to turn the
regulator on. Pull EN to GND to place the device in a low-power shutdown
mode.
2
3
GND
Ground. Connect GND to the ground plane.
3
1
IN
Power-Supply Input. Decouple to GND with a 0.1µF capacitor; place the
capacitor close to the IN and GND pins.
4
6
OUT
Regulator Output. Connect at least 4.7µF, 0805 capacitor from OUT to GND.
5
5
PGOOD
Open-Drain PGOOD Output. Pull up PGOOD to an external power supply.
PGOOD pulls low if FB drops below 89% of its set value. PGOOD goes high
after FB rises above 92% of its set value. The PGOOD pin can be left floating if
not used.
6
4
FB
Output Feedback Connection. Connect FB to a resistor divider between VOUT
and GND to adjust the output voltage from 0.6V to 18V.
—
—
EP
Exposed Pad (TDFN Only). Always connect EP to the GND pin of the IC.
Connect EP to a large GND plane with several thermal vias for best thermal
performance. Refer to the ADPL42001ATT EV kit user guide for an example of
the correct method for EP connection and thermal vias.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com