Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL42001 Datasheet(PDF) 2 Page - Analog Devices

Part # ADPL42001
Description  4V to 20V, 100mA, Ultra-Low Quiescent Current, Linear Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL42001 Datasheet(HTML) 2 Page - Analog Devices

  ADPL42001 Datasheet HTML 1Page - Analog Devices ADPL42001 Datasheet HTML 2Page - Analog Devices ADPL42001 Datasheet HTML 3Page - Analog Devices ADPL42001 Datasheet HTML 4Page - Analog Devices ADPL42001 Datasheet HTML 5Page - Analog Devices ADPL42001 Datasheet HTML 6Page - Analog Devices ADPL42001 Datasheet HTML 7Page - Analog Devices ADPL42001 Datasheet HTML 8Page - Analog Devices ADPL42001 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Data Sheet
ADPL42001
analog.com
Rev. 0
2 of 17
SPECIFICATIONS
Table 1. Electrical Characteristics
(VIN = VEN = 12V, VFB = VOUT, PGOOD = OPEN, GND = 0V, COUT = 4.7µF, TA = -40°C to +125°C, unless otherwise noted.
Typical values are at TA = +25°C. All voltages are referenced to GND, unless otherwise noted.) (1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
INPUT SUPPLY (VIN)
Input Voltage Range
VIN
4
20
V
Input Supply Current
IIN-SH
VEN = 0V, shutdown mode
0.9
1.8
µA
IIN-Q
VEN = VIN, ILOAD = 0mA
8
15
µA
ENABLE (EN)
EN Threshold
VENR
VEN rising
2
V
VENF
VEN falling
0.6
V
EN Leakage Current
IEN
TA = +25°C
-100
+100
nA
FEEDBACK (FB)
FB Regulation Voltage
VFB-REG
0.588
0.6
0.612
V
FB Input Leakage Current
IFB
VFB = 0.6V, TA = 25°C
-25
+25
nA
CURRENT LIMIT
Current Limit Threshold
ILIMIT
VIN= 5.5V, VOUT= 4.5V
101
140
165
mA
PGOOD
PGOOD Rising Threshold
VPGOOD-RISE VFB rising
89.5
92
94.5
%
PGOOD Falling Threshold
VPGOOD-FALL VFB falling
87
89.5
92
%
PGOOD Output Level Low
IPGOOD= 1mA
0.2
V
PGOOD Output Leakage
Current
VPGOOD= 5.5V, TA= +25°C
1
µA
OUTPUT VOLTAGE
Dropout Voltage
VDO
VIN= 4.5V, ILOAD= 50mA
280
550
mV
Dropout Voltage
VDO
VIN= 4.5V, ILOAD= 100mA
560
1100
mV
Line Regulation
VIN= 4V to 20V, VOUT= FB, ILOAD=
1mA
0.1
%
Load Regulation
0.1mA < ILOAD< 100mA, VOUT= FB
0.5
1.2
%
THERMAL SHUTDOWN
Thermal-Shutdown Threshold
Temperature rising
165
°C
Thermal-Shutdown Hysteresis
15
°C
1
All electrical specifications are 100% production tested at TA = +25°C. Specifications over the operating
temperature range are guaranteed by design and characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com