Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL42005ACPZ-5.0-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADPL42005ACPZ-5.0-R7
Description  20V, 500mA, Low Noise, CMOS LDO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL42005ACPZ-5.0-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADPL42005ACPZ-5.0-R7 Datasheet HTML 1Page - Analog Devices ADPL42005ACPZ-5.0-R7 Datasheet HTML 2Page - Analog Devices ADPL42005ACPZ-5.0-R7 Datasheet HTML 3Page - Analog Devices ADPL42005ACPZ-5.0-R7 Datasheet HTML 4Page - Analog Devices ADPL42005ACPZ-5.0-R7 Datasheet HTML 5Page - Analog Devices ADPL42005ACPZ-5.0-R7 Datasheet HTML 6Page - Analog Devices ADPL42005ACPZ-5.0-R7 Datasheet HTML 7Page - Analog Devices ADPL42005ACPZ-5.0-R7 Datasheet HTML 8Page - Analog Devices ADPL42005ACPZ-5.0-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Data Sheet
ADPL42005
20V, 500mA, Low Noise, CMOS LDO
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
One Analog Wa y, Wilmington, MA 01887 - 2356, U.S.A.
T el: 781.329.4700
© 2024 Analog D evic es, Inc. Al l rig hts r eser ved.
FEATURES
Input voltage range: 4V to 20V
Maximum output current: 500mA
Low noise: 32µVrms for fixed output versions
PSRR performance of 58dB at 10kHz, VOUT = 3.3V
Reverse current protection
Low dropout voltage: 400mV at 500mA
Initial accuracy: ±0.8%
Accuracy over line, load, and temperature
−2% to +1%, TJ = −40°C to +125°C
Low quiescent current (VIN = 10V), IGND = 900μA with
500 mA load
Low shutdown current: <40µA at VIN = 12V, stable
with small 1µF ceramic output capacitor
Six fixed output voltage options: 1.5V, 1.8V, 2.5V, 3V,
3.3V, and 5V
Adjustable output from 1.22V to VIN − VDO
Foldback current limit and thermal overload
protection
User programmable precision UVLO/enable
Power-good indicator
8-lead LFCSP and 8-lead SOIC packages
APPLICATIONS
Regulation to noise-sensitive applications: ADC, DAC
circuits, precision amplifiers, high-frequency
oscillators, clocks, and PLLs
Communications and infrastructure
Medical and healthcare
Industrial and instrumentation
GENERAL DESCRIPTION
The ADPL42005 is a complementary metal-oxide
semiconductor (CMOS), low dropout linear regulator
that operates from 4V to 20V and provides up to 500mA
of output current. This high input voltage LDO is ideal
for the regulation of high-performance analog and
mixed‐signal circuits operating from 19V to 1.22V rails.
Using an advanced proprietary architecture, it provides
high power supply rejection, low noise, and achieves
excellent line and load transient response with just a
small 1µF ceramic output capacitor.
The ADPL42005 is available in six fixed output voltage
options and an adjustable version, which allows output
voltages that range from 1.22V to VIN − VDO through an
external feedback divider.
The ADPL42005 output noise voltage is 32μVrms and is
independent of the output voltage. A digital power-
good output allows power system monitors to check
the health of the output voltage. A user programmable
precision undervoltage lockout function facilitates
sequencing of multiple power supplies.
The ADPL42005 is available in 8-lead, 3 mm × 3 mm
LFCSP and 8-lead SOIC packages (Figure 51 and Figure
52). The LFCSP offers a very compact solution and also
provides excellent thermal performance for
applications requiring up to 500mA of output current in
a small, low-profile footprint.
SIMPLIFIED APPLICATION DIAGRAMS
Figure 1. ADPL42005 with Fixed Output Voltage, 5V
Figure 2. ADPL42005 with Adjustable Output Voltage, 5V
VOUT = 5V
VIN = 8V
PG
VOUT
VIN
PG
GND
SENSE
EN/
UVLO
COUT
1µF
CIN
1µF
ON
OFF
+
+
RPG
100kΩ
R2
100kΩ
R1
100kΩ
ADPL42005
ADPL42005
VOUT = 5V
VIN = 8V
PG
VOUT
VIN
PG
GND
ADJ
EN/
UVLO
COUT
1µF
CIN
1µF
ON
OFF
+
+
13kΩ
40.2kΩ
RPG
100kΩ
R2
100kΩ
R1
100kΩ


Similar Part No. - ADPL42005ACPZ-5.0-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPL42001 AD-ADPL42001 Datasheet
1Mb / 17P
4V to 20V, 100mA, Ultra-Low Quiescent Current, Linear Regulator
Rev. 0; 9/24
ADPL42001ATT+ AD-ADPL42001ATT+ Datasheet
1Mb / 17P
4V to 20V, 100mA, Ultra-Low Quiescent Current, Linear Regulator
Rev. 0; 9/24
ADPL42001ATT+T AD-ADPL42001ATT+T Datasheet
1Mb / 17P
4V to 20V, 100mA, Ultra-Low Quiescent Current, Linear Regulator
Rev. 0; 9/24
ADPL42001AZT+ AD-ADPL42001AZT+ Datasheet
1Mb / 17P
4V to 20V, 100mA, Ultra-Low Quiescent Current, Linear Regulator
Rev. 0; 9/24
ADPL42001AZT+T AD-ADPL42001AZT+T Datasheet
1Mb / 17P
4V to 20V, 100mA, Ultra-Low Quiescent Current, Linear Regulator
Rev. 0; 9/24
More results

Similar Description - ADPL42005ACPZ-5.0-R7

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6203 SIPEX-SP6203 Datasheet
164Kb / 14P
Low Noise, 300mA and 500mA CMOS LDO Regulators
logo
California Micro Device...
CM3019 CALMIRCO-CM3019 Datasheet
178Kb / 8P
Micropower, 500mA Low Noise CMOS LDO Regulator
CM3016-48 CALMIRCO-CM3016-48 Datasheet
216Kb / 10P
Micropower, 4.75V/500mA Low Noise CMOS LDO Regulator
logo
BCD Semiconductor Manuf...
AP2213 BCDSEMI-AP2213 Datasheet
292Kb / 21P
500mA LOW NOISE LDO REGULATOR
logo
Sipex Corporation
SP6203 SIPEX-SP6203_07 Datasheet
751Kb / 16P
Low Noise, 300mA and 500mA CMOS LDO Regulators
logo
BCD Semiconductor Manuf...
AP2213 BCDSEMI-AP2213_09 Datasheet
754Kb / 22P
500mA LOW NOISE LDO REGULATOR
logo
Micrel Semiconductor
MIC5209YM-TR MICREL-MIC5209YM-TR Datasheet
1Mb / 13P
500mA Low-Noise LDO Regulator
logo
Exar Corporation
SP6203EM5-L EXAR-SP6203EM5-L Datasheet
1Mb / 15P
300mA/500mA Low Noise CMOS LDO Regulators
logo
Seaward Electronics Inc...
SE3335 SEAWARD-SE3335 Datasheet
167Kb / 5P
500mA Low Noise CMOS LDO Regulator
logo
Exar Corporation
SP6205EM5-L-3-3-TR EXAR-SP6205EM5-L-3-3-TR Datasheet
1Mb / 15P
300mA/500mA Low Noise CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com