Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP280 Datasheet (PDF) - Bosch Sensortec GmbH

BMP280 Datasheet PDF - Bosch Sensortec GmbH
Part # BMP280
Download  BMP280 Download
File Size   1218.19 Kbytes
Page   49 Pages
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH
Description Digital Pressure Sensor

BMP280 Datasheet (PDF)

Go To PDF Page Download Datasheet
BMP280 Datasheet PDF - Bosch Sensortec GmbH

Part # BMP280
Download  BMP280 Click to download

File Size   1218.19 Kbytes
Page   49 Pages
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH
Description Digital Pressure Sensor

BMP280 Datasheet (HTML) - Bosch Sensortec GmbH


BMP280 Product details

Key parameters
• Pressure range 300 … 1100 hPa
(equiv. to +9000…-500 m above/below sea level)
• Package 8-pin LGA metal-lid
Footprint : 2.0 × 2.5 mm², height: 0.95 mm
• Relative accuracy ±0.12 hPa, equiv. to ±1 m
(700 … 900hPa @25°C)
• Absolute accuracy typ. ±1 hPa
(950 ...1050 hPa, 0 ...+40 °C)
• Temperature coefficient offset 1.5 Pa/K, equiv. to 12.6 cm/K
(25 ... 40°C @900hPa)
• Digital interfaces I²C (up to 3.4 MHz)
SPI (3 and 4 wire, up to 10 MHz)
• Current consumption 2.7μA @ 1 Hz sampling rate
• Temperature range -40 … +85 °C
• RoHS compliant, halogen-free
• MSL 1
Typical applications
• Enhancement of GPS navigation
(e.g. time-to-first-fix improvement, dead-reckoning, slope detection)
• Indoor navigation (floor detection, elevator detection)
• Outdoor navigation, leisure and sports applications
• Weather forecast
• Vertical velocity indication (e.g. rise/sink speed)




Similar Part No. - BMP280

ManufacturerPart #DatasheetDescription
logo
Bosch Sensortec GmbH
BMP280 BOSCH-BMP280 Datasheet
1Mb / 49P
Digital Pressure Sensor
More results


Similar Description - BMP280

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
MS5637 TEC-MS5637_16 Datasheet
129Kb / 4P
Digital Pressure Sensor
logo
ALPS ELECTRIC CO.,LTD.
HSPPAD042A ALPS-HSPPAD042A Datasheet
1Mb / 30P
Digital Pressure Sensor
HSPPAD132A ALPS-HSPPAD132A Datasheet
303Kb / 7P
Digital Pressure Sensor
logo
Bosch Sensortec GmbH
BMP180 BOSCH-BMP180 Datasheet
633Kb / 29P
Digital pressure sensor
BMP280 BOSCH-BMP280 Datasheet
1Mb / 49P
Digital Pressure Sensor
BMP388 BOSCH-BMP388 Datasheet
2Mb / 57P
Digital pressure sensor
BMP085 BOSCH-BMP085 Datasheet
644Kb / 27P
Digital pressure sensor
BMP183 BOSCH-BMP183 Datasheet
743Kb / 28P
Digital pressure sensor
logo
HOPE Microelectronics C...
HP303B HOPE-HP303B Datasheet
1Mb / 38P
Digital Pressure Sensor
logo
Panasonic Semiconductor
DP-001 PANASONIC-DP-001 Datasheet
800Kb / 10P
Digital Pressure Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com