Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP280 Datasheet(PDF) 2 Page - Bosch Sensortec GmbH

Part # BMP280
Description  Digital Pressure Sensor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP280 Datasheet(HTML) 2 Page - Bosch Sensortec GmbH

  BMP280 Datasheet HTML 1Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 2Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 3Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 4Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 5Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 6Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 7Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 8Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 9Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
Bosch Sensortec | BMP280 Data sheet
2 |
49
Modifications reserved | Data subject to change without notice
Document number: BST-BMP280-DS001-26 Revision_1.26_102021
BMP280
Digital Pressure Sensor
Key parameters
•
Pressure range
300 … 1100 hPa
(equiv. to +9000…-500 m above/below sea level)
•
Package
8-pin LGA metal-lid
Footprint : 2.0 × 2.5 mm², height: 0.95 mm
•
Relative accuracy
±0.12 hPa, equiv. to ±1 m
(700 … 900hPa @25°C)
•
Absolute accuracy
typ. ±1 hPa
(950 ...1050 hPa, 0 ...+40 °C)
•
Temperature coefficient offset
1.5 Pa/K, equiv. to 12.6 cm/K
(25 ... 40°C @900hPa)
•
Digital interfaces
I²C (up to 3.4 MHz)
SPI (3 and 4 wire, up to 10 MHz)
•
Current consumption
2.7µA @ 1 Hz sampling rate
•
Temperature range
-40 … +85 °C
•
RoHS compliant, halogen-free
•
MSL 1
Typical applications
•
Enhancement of GPS navigation
(e.g. time-to-first-fix improvement, dead-reckoning, slope detection)
•
Indoor navigation (floor detection, elevator detection)
•
Outdoor navigation, leisure and sports applications
•
Weather forecast
•
Vertical velocity indication (e.g. rise/sink speed)
Target devices
•
Handsets such as mobile phones, tablet PCs, GPS devices
•
Navigation systems
•
Home weather stations
•
Flying toys
•
Watches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com