Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP280 Datasheet(PDF) 31 Page - Bosch Sensortec GmbH

Part # BMP280
Description  Digital Pressure Sensor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP280 Datasheet(HTML) 31 Page - Bosch Sensortec GmbH

Back Button BMP280 Datasheet HTML 27Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 28Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 29Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 30Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 31Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 32Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 33Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 34Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 35Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
Bosch Sensortec | BMP280 Data sheet
31 |
49
Modifications reserved | Data subject to change without notice
Document number: BST-BMP280-DS001-26 Revision_1.26_102021
Start RW
Stop
1
1
1
1
0
1
1
0
bit15 bit14 bit13 bit12 bit11 bit10 bit9 bit8 bit7 bit6 bit5 bit4 bit3 bit2 bit1 bit0
CSB
=
1
Data byte
Data register - address F7h
Register address (F6h)
CSB
=
0
Control byte
Data byte
Data register - address F6h
Figure 11: SPI multiple byte read
5.4 Interface parameter specification
5.4.1
General interface parameters
The general interface parameters are given in Table 26 below.
Table 26: interface parameters
Parameter
Symbol
Condition
Min
Typ
Max
Units
Input – low level
Vil_si
VDDIO=1.2V to 3.6V
0.2 *
VDDIO
V
Input – high level
Vih_si
VDDIO=1.2V to 3.6V
0.8 *
VDDIO
V
Output – low level for I2C Vol_SDI VDDIO=1.62V, iol=3 mA
0.2 *
VDDIO
V
Output – low level for I2C Vol_SDI
_1.2
VDDIO=1.20V, iol=3 mA
0.23 *
VDDIO
V
Output – low level
Vol_SD
O
VDDIO=1.62V, iol=1 mA
0.2 *
VDDIO
V
Output – low level
Vol_SD
O_1.2
VDDIO=1.20V, iol=1 mA
0.23 *
VDDIO
V
Output – high level
Voh
VDDIO=1.62V, ioh=1 mA
(SDO, SDI)
0.8 *
VDDIO
V
Output – high level
Voh_1.2 VDDIO=1.2V, ioh=1 mA
(SDO, SDI)
0.6 *
VDDIO
V
Pull-up resistor
Rpull
Internal pull-up
resistance to VDDIO
70
120
190
kΩ
I2C bus load capacitor
Cb
On SDI and SCK
400
pF
5.4.2
I²C timings
For I²C timings, the following abbreviations are used:
•
“S&F mode” = standard and fast mode
•
“HS mode” = high speed mode
•
Cb = bus capacitance on SDA line
All other naming refers to I²C specification 2.1 (January 2000).
The I²C timing diagram is shown in
Figure 12. The corresponding values are given in Table 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com