Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP280 Datasheet(PDF) 19 Page - Bosch Sensortec GmbH

Part # BMP280
Description  Digital Pressure Sensor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP280 Datasheet(HTML) 19 Page - Bosch Sensortec GmbH

Back Button BMP280 Datasheet HTML 15Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 16Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 17Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 18Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 19Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 20Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 21Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 22Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 23Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
Bosch Sensortec | BMP280 Data sheet
19 |
49
Modifications reserved | Data subject to change without notice
Document number: BST-BMP280-DS001-26 Revision_1.26_102021
3.8.2
Measurement rate in normal mode
The following table explains which measurement rates can be expected in normal mode based on
oversampling setting and tstandby.
Table 14: typical output data Rate (ODR) in normal mode [Hz]
Oversampling
setting
tstandby [ms]
0.5
62.5
125
250
500
1000
2000
4000
Ultra low power
166.67
14.71
7.66
3.91
1.98
0.99
0.50
0.25
Low power
125.00
14.29
7.55
3.88
1.97
0.99
0.50
0.25
Standard
resolution
83.33
13.51
7.33
3.82
1.96
0.99
0.50
0.25
High resolution
50.00
12.20
6.92
3.71
1.92
0.98
0.50
0.25
Ultra high
resolution
26.32
10.00
6.15
3.48
1.86
0.96
0.49
0.25
Table 15: Sensor timing according to recommended settings (based on use cases)
Use case
Mode
Over-
sampling
setting
osrs_p
osrs_t
IIR
filter
coeff.
(see
3.3.3)
Timing
ODR
[Hz]
(see
3.8.2)
BW
[Hz]
(see
3.3.3)
handheld device
low-power (e.g.
Android)
Normal
Ultra high
resolution
×16
×2
4
tstandby =
62.5 ms
10.0
0.92
handheld device
dynamic (e.g.
Android)
Normal
Standard
resolution
×4
×1
16
tstandby =
0.5 ms
83.3
1.75
Weather
monitoring
(lowest power)
Forced
Ultra low
power
×1
×1
Off
1/min
1/60
full
Elevator / floor
change
detection
Normal
Standard
resolution
×4
×1
4
tstandby =
125 ms
7.3
0.67
Drop detection
Normal
Low
power
×2
×1
Off
tstandby =
0.5 ms
125
full
Indoor
navigation
Normal
Ultra high
resolution
×16
×2
16
tstandby =
0.5 ms
26.3
0.55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com