Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP280 Datasheet(PDF) 30 Page - Bosch Sensortec GmbH

Part # BMP280
Description  Digital Pressure Sensor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP280 Datasheet(HTML) 30 Page - Bosch Sensortec GmbH

Back Button BMP280 Datasheet HTML 26Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 27Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 28Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 29Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 30Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 31Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 32Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 33Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 34Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
Bosch Sensortec | BMP280 Data sheet
30 |
49
Modifications reserved | Data subject to change without notice
Document number: BST-BMP280-DS001-26 Revision_1.26_102021
The SPI interface uses the following pins:
•
CSB: chip select, active low
•
SCK: serial clock
•
SDI:
serial data input; data input/output in 3-wire mode
•
SDO: serial data output; hi-Z in 3-wire mode
Refer to chapter 6 for connection instructions.
CSB is active low and has an integrated pull-up resistor. Data on SDI is latched by the device at SCK
rising edge and SDO is changed at SCK falling edge. Communication starts when CSB goes to low
and stops when CSB goes to high; during these transitions on CSB, SCK must be stable. The SPI
protocol is shown in Figure 9. For timing details, please review Table 28
.
CSB
SCK
SDI
RW
AD6 AD5 AD4 AD3 AD2 AD1 AD0
DI5
DI4
DI3
DI2
DI1
DI0
DI7
DI6
SDO
DO5 DO4 DO3 DO2 DO1 DO0
DO7 DO6
tri-state
Figure 9: SPI protocol (shown for mode ‘11’ in 4-wire configuration)
In SPI mode, only 7 bits of the register addresses are used; the MSB of register address is not used
and replaced by a read/write bit (RW = ‘0’ for write and RW = ‘1’ for read).
Example: address 0xF7 is accessed by using SPI register address 0x77. For write access, the byte
0x77 is transferred, for read access, the byte 0xF7 is transferred.
5.3.1
SPI write
Writing is done by lowering CSB and sending pairs control bytes and register data. The control bytes
consist of the SPI register address (= full register address without bit 7) and the write command (bit7 =
RW = ‘0’). Several pairs can be written without raising CSB. The transaction is ended by a raising
CSB. The SPI write protocol is depicted in Figure 10.
Start RW
RW
Stop
0
1
1
1
0
1
0
0
bit7
bit6
bit5
bit4
bit3
bit2
bit1 bit0
0
1
1
1
0
1
0
1
bit7
bit6
bit5
bit4
bit3
bit2
bit1 bit0
Control byte
CSB
=
1
Data byte
Register address (F5h)
Data register - adress F5h
Register address (F4h)
CSB
=
0
Control byte
Data byte
Data register - address F4h
Figure 10: SPI multiple byte write (not auto-incremented)
5.3.2
SPI read
Reading is done by lowering CSB and first sending one control byte. The control bytes consist of the
SPI register address (= full register address without bit 7) and the read command (bit 7 = RW = ‘1’).
After writing the control byte, data is sent out of the SDO pin (SDI in 3-wire mode); the register address
is automatically incremented. The SPI read protocol is shown in Figure 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com