Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP280 Datasheet(PDF) 8 Page - Bosch Sensortec GmbH

Part # BMP280
Description  Digital Pressure Sensor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP280 Datasheet(HTML) 8 Page - Bosch Sensortec GmbH

Back Button BMP280 Datasheet HTML 4Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 5Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 6Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 7Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 8Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 9Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 10Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 11Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 12Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
Bosch Sensortec | BMP280 Data sheet
8 |
49
Modifications reserved | Data subject to change without notice
Document number: BST-BMP280-DS001-26 Revision_1.26_102021
Absolute accuracy
pressure
APext
300 . . 1100 hPa
-20 . . . 0 °C
±1.7
hPa
APfull
300 . . . 1100 hPa
0 . . . 65 °C
±1.0
hPa
Resolution of
output data in ultra high
resolution mode
RP
Pressure
0.0016
hPa
RT
Temperature
0.01
°C
Noise in pressure
Vp,full
Full bandwidth, ultra
high resolution
See chapter 3.5
1.3
Pa
11
cm
Vp,filtered
Lowest bandwidth,
ultra high resolution
See chapter 3.5
0.2
Pa
1.7
cm
Absolute accuracy
temperature3
AT
@ 25 °C
±0.5
°C
0 . . . +65 °C
±1.0
°C
PSRR (DC)
PSRR
full VDD range
±0.005
Pa/
mV
Long term stability4
∆
Pstab
12 months
±1.0
hPa
Solder drifts
Minimum solder
height 50 µm
-0.5
+2
hPa
Start-up time
tstartup
Time to first
communication after
both VDD > 1.58V and
VDDIO > 0.65V
2
ms
Possible sampling rate
fsample
osrs_t = osrs_p = 1;
See chapter 3.8
157
182
tbd5
Hz
Standby time accuracy
∆
tstandby
±5
±25
%
3
Temperature measured by the internal temperature sensor. This temperature value depends on the PCB temperature, sensor
element self-heating and ambient temperature and is typically above ambient temperature.
4
Long term stability is specified in the full accuracy operating pressure range 0 … 65°C
5
Depends on application case, please contact Application Engineer for further questions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com