Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP280 Datasheet(PDF) 25 Page - Bosch Sensortec GmbH

Part # BMP280
Description  Digital Pressure Sensor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP280 Datasheet(HTML) 25 Page - Bosch Sensortec GmbH

Back Button BMP280 Datasheet HTML 21Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 22Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 23Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 24Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 25Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 26Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 27Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 28Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 29Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 49 page
background image
Bosch Sensortec | BMP280 Data sheet
25 |
49
Modifications reserved | Data subject to change without notice
Document number: BST-BMP280-DS001-26 Revision_1.26_102021
4.3.3
Register 0xF3 “status”
The “status” register contains two bits which indicate the status of the device.
Table 19: Register 0xF3 “status”
Register 0xF3
“status”
Name
Description
Bit 3
measuring[0]
Automatically set to ‘1’ whenever a conversion is
running and back to ‘0’ when the results have been
transferred to the data registers.
Bit 0
im_update[0]
Automatically set to ‘1’ when the NVM data are being
copied to image registers and back to ‘0’ when the
copying is done. The data are copied at power-on-
reset and before every conversion.
4.3.4
Register 0xF4 “ctrl_meas”
The “ctrl_meas” register sets the data acquisition options of the device.
Table 20: Register 0xF4 “ctrl_meas”
Register 0xF4
“ctrl_meas”
Name
Description
Bit 7, 6, 5
osrs_t[2:0]
Controls oversampling of temperature data. See
chapter 3.3.2 for details.
Bit 4, 3, 2
osrs_p[2:0]
Controls oversampling of pressure data. See chapter
3.3.1 for details.
Bit 1, 0
mode[1:0]
Controls the power mode of the device. See chapter
3.6 for details.
Table 21: register settings osrs_p
osrs_p[2:0]
Pressure
oversampling
000
Skipped (output set to
0x80000)
001
oversampling ×1
010
oversampling ×2
011
oversampling ×4
100
oversampling ×8
101, Others
oversampling ×16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com