Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP280 Datasheet(PDF) 26 Page - Bosch Sensortec GmbH

Part # BMP280
Description  Digital Pressure Sensor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP280 Datasheet(HTML) 26 Page - Bosch Sensortec GmbH

Back Button BMP280 Datasheet HTML 22Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 23Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 24Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 25Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 26Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 27Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 28Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 29Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 30Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 49 page
background image
Bosch Sensortec | BMP280 Data sheet
26 |
49
Modifications reserved | Data subject to change without notice
Document number: BST-BMP280-DS001-26 Revision_1.26_102021
Table 22: register settings osrs_t
osrs_t[2:0]
Temperature oversampling
000
Skipped (output set to 0x80000)
001
oversampling ×1
010
oversampling ×2
011
oversampling ×4
100
oversampling ×8
101, 110, 111
oversampling ×16
4.3.5
Register 0xF5 “config”
The “config” register sets the rate, filter and interface options of the device. Writes to the “config”
register in normal mode may be ignored. In sleep mode writes are not ignored.
Table 23: Register 0xF5 “config”
Register 0xF5
“config”
Name
Description
Bit 7, 6, 5
t_sb[2:0]
Controls inactive duration tstandby in normal mode.
See chapter 3.6.3 for details.
Bit 4, 3, 2
filter[2:0]
Controls the time constant of the IIR filter. See
chapter 3.3.3 for details.
Bit 0
spi3w_en[0]
Enables 3-wire SPI interface when set to ‘1’. See
chapter 5.3 for details.
4.3.6
Register 0xF7…0xF9 “press” (_msb, _lsb, _xlsb)
The “press” register contains the raw pressure measurement output data up[19:0]. For details on how
to read out the pressure and temperature information from the device, please consult chapter0.
Table 24: Register 0xF7 … 0xF9 “press”
Register 0xF7-
0xF9 “press”
Name
Description
0xF7
press_msb[7:0]
Contains the MSB part up[19:12] of the raw pressure
measurement output data.
0xF8
press_lsb[7:0]
Contains the LSB part up[11:4] of the raw pressure
measurement output data.
0xF9 (bit 7, 6, 5, 4)
press_xlsb[3:0]
Contains the XLSB part up[3:0] of the raw pressure
measurement output data. Contents depend on
temperature resolution, see table 5.
4.3.7
Register 0xFA…0xFC “temp” (_msb, _lsb, _xlsb)
The “temp” register contains the raw temperature measurement output data ut[19:0]. For details on
how to read out the pressure and temperature information from the device, please consult chapter 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com