Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP280 Datasheet(PDF) 22 Page - Bosch Sensortec GmbH

Part # BMP280
Description  Digital Pressure Sensor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP280 Datasheet(HTML) 22 Page - Bosch Sensortec GmbH

Back Button BMP280 Datasheet HTML 18Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 19Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 20Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 21Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 22Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 23Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 24Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 25Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 26Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 49 page
background image
Bosch Sensortec | BMP280 Data sheet
22 |
49
Modifications reserved | Data subject to change without notice
Document number: BST-BMP280-DS001-26 Revision_1.26_102021
The data type “BMP280_S32_t” should define a 32 bit signed integer variable type and can usually be
defined as “long signed int”.
The data type “BMP280_U32_t” should define a 32 bit unsigned integer variable type and can usually
be defined as “long unsigned int”.
For best possible calculation accuracy, 64 bit integer support is needed. If this is not possible on your
platform, please see appendix 8.2 for a 32 bit alternative.
The data type “BMP280_S64_t” should define a 64 bit signed integer variable type, which on most
supporting platforms can be defined as “long long signed int”. The revision of the code is rev.1.1.
// Returns temperature in DegC, resolution is 0.01 DegC. Output value of “5123” equals 51.23
DegC.
// t_fine carries fine temperature as global value
BMP280_S32_t t_fine;
BMP280_S32_t bmp280_compensate_T_int32(BMP280_S32_t adc_T)
{
BMP280_S32_t var1, var2, T;
var1 = ((((adc_T>>3) – ((BMP280_S32_t)dig_T1<<1))) * ((BMP280_S32_t)dig_T2)) >> 11;
var2 = (((((adc_T>>4) – ((BMP280_S32_t)dig_T1)) * ((adc_T>>4) – ((BMP280_S32_t)dig_T1)))
>> 12) *
((BMP280_S32_t)dig_T3)) >> 14;
t_fine = var1 + var2;
T = (t_fine * 5 + 128) >> 8;
return T;
}
“”–
// Returns pressure in Pa as unsigned 32 bit integer in Q24.8 format (24 integer bits and 8
fractional bits).
// Output value of “24674867” represents 24674867/256 = 96386.2 Pa = 963.862 hPa
BMP280_U32_t bmp280_compensate_P_int64(BMP280_S32_t adc_P)
{
BMP280_S64_t var1, var2, p;
var1 = ((BMP280_S64_t)t_fine) – 128000;
var2 = var1 * var1 * (BMP280_S64_t)dig_P6;
var2 = var2 + ((var1*(BMP280_S64_t)dig_P5)<<17);
var2 = var2 + (((BMP280_S64_t)dig_P4)<<35);
var1 = ((var1 * var1 * (BMP280_S64_t)dig_P3)>>8) + ((var1 * (BMP280_S64_t)dig_P2)<<12);
var1 = (((((BMP280_S64_t)1)<<47)+var1))*((BMP280_S64_t)dig_P1)>>33;
if (var1 == 0)
{
return 0; // avoid exception caused by division by zero
}
p = 1048576-adc_P;
p = (((p<<31)-var2)*3125)/var1;
var1 = (((BMP280_S64_t)dig_P9) * (p>>13) * (p>>13)) >> 25;
var2 = (((BMP280_S64_t)dig_P8) * p) >> 19;
p = ((p + var1 + var2) >> 8) + (((BMP280_S64_t)dig_P7)<<4);
return (BMP280_U32_t)p;
3.12 Calculating pressure and temperature
The following figure shows the detailed algorithm for pressure and temperature measurement.
This algorithm is available to customers as reference C source code (“BMP28x_ API”) from Bosch
Sensortec and via its sales and distribution partners.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com