Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP280 Datasheet(PDF) 7 Page - Bosch Sensortec GmbH

Part # BMP280
Description  Digital Pressure Sensor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP280 Datasheet(HTML) 7 Page - Bosch Sensortec GmbH

Back Button BMP280 Datasheet HTML 3Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 4Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 5Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 6Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 7Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 8Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 9Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 10Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 11Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
Bosch Sensortec | BMP280 Data sheet
7 |
49
Modifications reserved | Data subject to change without notice
Document number: BST-BMP280-DS001-26 Revision_1.26_102021
1. Specification
If not stated otherwise,
•
All values are valid over the full voltage range
•
All minimum/maximum values are given for the full accuracy temperature range
•
Minimum/maximum values of drifts, offsets and temperature coefficients are ±3σ values over
lifetime
•
Typical values of currents and state machine timings are determined at 25 °C
•
Minimum/maximum values of currents are determined using corner lots over complete
temperature range
•
Minimum/maximum values of state machine timings are determined using corner lots over
0…+65 °C temperature range
The specification tables are split into pressure and temperature part of BMP280.
Table 2: Parameter specification
Parameter
Symbol
Condition
Min
Typ
Max
Units
Operating temperature
range
TA
operational
-40
25
+85
°C
full accuracy
0
+65
Operating pressure
range
P
full accuracy
300
1100
hPa
Sensor supply voltage
VDD
ripple max. 50mVpp
1.71
1.8
3.6
V
Interface supply voltage
VDDIO
1.2
1.8
3.6
V
Supply current
IDD,LP
1 Hz forced mode,
pressure and
temperature, lowest
power
2.8
4.2
µA
Peak current
Ipeak
during pressure
measurement
720
1120
µA
Current at temperature
measurement
IDDT
325
µA
Sleep current1
IDDSL
25 °C
0.1
0.3
µA
Standby current
(inactive period of
normal mode) 2
IDDSB
25 °C
0.2
0.5
µA
Relative accuracy
pressure
VDD = 3.3V
Arel
700 … 900hPa
25 . . . 40 °C
±0.12
hPa
±1.0
m
Offset temperature
coefficient
TCO
900hPa
25 . . . 40 °C
±1.5
Pa/K
12.6
cm/K
1 Typical value at VDD = VDDIO = 1.8 V, maximal value at VDD = VDDIO = 3.6 V.
2 Typical value at VDD = VDDIO = 1.8 V, maximal value at VDD = VDDIO = 3.6 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com