Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP280 Datasheet(PDF) 24 Page - Bosch Sensortec GmbH

Part # BMP280
Description  Digital Pressure Sensor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP280 Datasheet(HTML) 24 Page - Bosch Sensortec GmbH

Back Button BMP280 Datasheet HTML 20Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 21Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 22Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 23Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 24Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 25Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 26Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 27Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 28Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 49 page
background image
Bosch Sensortec | BMP280 Data sheet
24 |
49
Modifications reserved | Data subject to change without notice
Document number: BST-BMP280-DS001-26 Revision_1.26_102021
4. Global memory map and register description
4.1
General remarks
All communication with the device is performed by reading from and writing to registers. Registers
have a width of 8 bits. There are several registers which are reserved; they should not be written to
and no specific value is guaranteed when they are read. For details on the interface, consult chapter
5.
4.2
Memory map
The memory map is given in Table 18 below. Reserved registers are not shown.
Table 18: Memory map
Register Name
Address
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Reset
state
temp_xlsb
0xFC
0
0
0
0
0x00
temp_lsb
0xFB
0x00
temp_msb
0xFA
0x80
press_xlsb
0xF9
0
0
0
0
0x00
press_lsb
0xF8
0x00
press_msb
0xF7
0x80
config
0xF5
spi3w_en[0]
0x00
ctrl_meas
0xF4
0x00
status
0xF3
measuring[0]
im_update[0]
0x00
reset
0xE0
0x00
id
0xD0
0x58
calib25...calib00 0xA1…0x88
individual
Registers: Reserved
registers
Calibration
data
Control
registers
Data
registers
Status
registers
Revision
Reset
Type:
do not
write
read only
read / write read only
read only
read only
write only
calibration data
press_xlsb<7:4>
temp_xlsb<7:4>
temp_lsb<7:0>
temp_msb<7:0>
chip_id[7:0]
osrs_t[2:0]
reset[7:0]
press_lsb<7:0>
press_msb<7:0>
mode[1:0]
t_sb[2:0]
filter[2:0]
osrs_p[2:0]
4.3 Register description
4.3.1
Register 0xD0 “id”
The “id” register contains the chip identification number chip_id[7:0], which is 0x58. This number can
be read as soon as the device finished the power-on-reset.
4.3.2
Register 0xE0 “reset”
The “reset” register contains the soft reset word reset[7:0]. If the value 0xB6 is written to the register,
the device is reset using the complete power-on-reset procedure. Writing other values than 0xB6 has
no effect. The readout value is always 0x00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com