Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPPM0115 Datasheet (PDF) - Texas Instruments

TPPM0115 Datasheet PDF - Texas Instruments
Part # TPPM0115
Download  TPPM0115 Download
File Size   350.82 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SWITCH MODE SYNCHRONOUS BUCK CONTROLLER

TPPM0115 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPPM0115 Datasheet PDF - Texas Instruments

Part # TPPM0115
Download  TPPM0115 Click to download

File Size   350.82 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SWITCH MODE SYNCHRONOUS BUCK CONTROLLER

TPPM0115 Datasheet (HTML) - Texas Instruments


TPPM0115 Product details

features
DC-DC Synchronous Buck Controller
Switching Frequency, 200 kHz (Typ)
Programmable Output Voltage,
1 V to 2.5 V ±2%
Power Good Function (PWRGD)
Input Voltage, 12 V ±5%
Drive High Load Current With External
Components

description
The TPPM0115 is a synchronous buck controller capable of driving two external power FETs 180° out of phase.
The device requires a minimum of external standard filter components and switching FETs to regulate the
desired output voltage. This is achieved with an internal switching frequency of 200 kHz (typical).
The TPPM0115 switch mode controller and associated circuitry provide efficient voltage regulation of greater
than 85%. The output voltage is set by two external resistors. During power up, when the output voltage reaches
90% of the desired value, the power good (PWRGD) output is transitioned high after a short delay of 1 ms to
5 ms. During power down, when the output voltage falls below 90% of the set value, the PWRGD output is pulled
low without any delay.
In the event the set output is in an over-voltage condition due to a system fault, the drive to the lower FET turns
on to correct the fault. There is a dead time between switching one FET ON while the other FET is switching
OFF to prevent cross conduction.
The TPPM0115 is capable of driving high static load currents with minimal ripple on the output (<2%). The phase
sense input is used to sense the flow of current through the inductor during flyback to minimize ripple on the
output.
To optimize output filter capacitance, the voltage mode control is based on a fixed ON time during the start of
the cycle and hysteretic control during load transients. This allows the device to respond and maintain the set
regulation voltage.
applications
PC Motherboard, Voltage Regulation for
System Power
DDR Memory Supply (VDDQ or VTT)
RDRAM Memory Supply (VDDQ)
General Purpose Synchronous Switch
Mode Controller




Similar Part No. - TPPM0115

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPPM0115 TI-TPPM0115 Datasheet
236Kb / 13P
SWITCH MODE SYNCHRONOUS BUCK CONTROLLER
TPPM0115 TI1-TPPM0115 Datasheet
244Kb / 13P
SWITCH MODE SYNCHRONOUS BUCK CONTROLLER
TPPM0115D TI1-TPPM0115D Datasheet
244Kb / 13P
SWITCH MODE SYNCHRONOUS BUCK CONTROLLER
TPPM0115DG4 TI1-TPPM0115DG4 Datasheet
244Kb / 13P
SWITCH MODE SYNCHRONOUS BUCK CONTROLLER
TPPM0115DR TI1-TPPM0115DR Datasheet
244Kb / 13P
SWITCH MODE SYNCHRONOUS BUCK CONTROLLER
More results


Similar Description - TPPM0115

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPPM0115 TI-TPPM0115 Datasheet
236Kb / 13P
SWITCH MODE SYNCHRONOUS BUCK CONTROLLER
logo
Sipex Corporation
SP6133 SIPEX-SP6133 Datasheet
1,022Kb / 20P
Synchronous Buck Controller
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
544Kb / 24P
300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
logo
Analog Devices
ADP1878 AD-ADP1878 Datasheet
2Mb / 40P
Synchronous Buck Controller
REV. A
logo
Linear Technology
LT3791EFE-1 LINER-LT3791EFE-1 Datasheet
332Kb / 26P
60V 4-Switch Synchronous Buck-Boost Controller
LT3790 LINER-LT3790_15 Datasheet
451Kb / 28P
60V Synchronous 4-Switch Buck-Boost Controller
LT3791-1 LINER-LT3791-1_15 Datasheet
332Kb / 26P
60V 4-Switch Synchronous Buck-Boost Controller
logo
Texas Instruments
TPPM0115 TI1-TPPM0115_08 Datasheet
244Kb / 13P
SWITCH MODE SYNCHRONOUS BUCK CONTROLLER
logo
Linear Technology
LT3790 LINER-LT3790 Datasheet
603Kb / 10P
60V Four-Switch Synchronous Buck-Boost Controller
logo
Renesas Technology Corp
ISL81401 RENESAS-ISL81401 Datasheet
3Mb / 47P
40V 4-Switch Synchronous Buck-Boost Controller
Jan 27, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com