Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD-100A-R-T Datasheet (PDF) - Bourns Electronic Solutions

SSD-100A-R-T Datasheet PDF - Bourns Electronic Solutions
Part # SSD-100A-R-T
Download  SSD-100A-R-T Download
File Size   1539.21 Kbytes
Page   24 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description SSD SeriesRiedon™ Digital Current Sensor with RS485/MODBUS Interface by Bourns

SSD-100A-R-T Datasheet (PDF)

Go To PDF Page Download Datasheet
SSD-100A-R-T Datasheet PDF - Bourns Electronic Solutions

Part # SSD-100A-R-T
Download  SSD-100A-R-T Click to download

File Size   1539.21 Kbytes
Page   24 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description SSD SeriesRiedon™ Digital Current Sensor with RS485/MODBUS Interface by Bourns

SSD-100A-R-T Datasheet (HTML) - Bourns Electronic Solutions


SSD-100A-R-T Product details

Features
n 24-bit isolated shunt current sensor with
RS485/MODBUS interface
n 100 A (2 kA peak), 250 A (5 kA peak), or
500 A (10 kA peak)
n Dielectric withstand: 1500 VDC
n Reinforced insulation according to IEC
60664
n 16-bit +150 °C microcontroller
n 24-bit ADC with buffered analog inputs
n ECC flash memory with autocorrect
single bit errors
n Internal and external CRC data error
detection
n Advanced non-linear temperature
compensation
n RoHS compliant*




Similar Part No. - SSD-100A-R-T

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SSD-100A-C-T BOURNS-SSD-100A-C-T Datasheet
1Mb / 35P
SSD Series – Riedon™ Digital Current Sensor with CANbus Interface by Bourns
05/25
More results


Similar Description - SSD-100A-R-T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP100 TI-TMP100 Datasheet
221Kb / 10P
Digital Temperature Sensor with I2C Interface
logo
List of Unclassifed Man...
IL485W ETC-IL485W Datasheet
176Kb / 4P
Isolated RS485 Interface with Handshake
logo
Microchip Technology
TC72 MICROCHIP-TC72 Datasheet
417Kb / 24P
Digital Temperature Sensor with SPI??Interface
2002
logo
RHOPOINT COMPONENTS
IL485W RHOPOINT-IL485W Datasheet
168Kb / 9P
Isolated RS485 Interface With Handshake
logo
ON Semiconductor
ADT7484A ONSEMI-ADT7484A Datasheet
360Kb / 14P
Digital Temperature Sensor with SST Interface
December, 2009 ??Rev. 4
logo
Texas Instruments
TMP100-EP TI1-TMP100-EP Datasheet
633Kb / 22P
DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
TMP101-Q1 TI1-TMP101-Q1 Datasheet
312Kb / 19P
DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
TMP101NA-250G4 TI-TMP101NA-250G4 Datasheet
819Kb / 19P
Digital Temperature Sensor with I2C Interface
logo
Microchip Technology
TC72 MICROCHIP-TC72_11 Datasheet
605Kb / 28P
Digital Temperature Sensor with SPI Interface
05/02/11
logo
List of Unclassifed Man...
88980120 ETC2-88980120 Datasheet
709Kb / 2P
RS485 Modbus slave interfaces
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com