Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD-100A-R-T Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SSD-100A-R-T
Description  SSD SeriesRiedon™ Digital Current Sensor with RS485/MODBUS Interface by Bourns
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SSD-100A-R-T Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SSD-100A-R-T Datasheet HTML 1Page - Bourns Electronic Solutions SSD-100A-R-T Datasheet HTML 2Page - Bourns Electronic Solutions SSD-100A-R-T Datasheet HTML 3Page - Bourns Electronic Solutions SSD-100A-R-T Datasheet HTML 4Page - Bourns Electronic Solutions SSD-100A-R-T Datasheet HTML 5Page - Bourns Electronic Solutions SSD-100A-R-T Datasheet HTML 6Page - Bourns Electronic Solutions SSD-100A-R-T Datasheet HTML 7Page - Bourns Electronic Solutions SSD-100A-R-T Datasheet HTML 8Page - Bourns Electronic Solutions SSD-100A-R-T Datasheet HTML 9Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Applications
n
Battery systems
n
Renewable energy
n
Motor drives
n
EV charging stations
SSD Series – Riedon™ Digital Current Sensor with RS485/MODBUS Interface by Bourns
Connectors
SSD
Connector
Mating Connector
Molex Nano-Fit
Part Number
4-Pin Male
4-Pin Female
1053071204
0-22 AWG Female Contacts*
1053002200
4-Pin TPA Strain Relief
1053251004
2-Pin Male
Vbus
2-Pin Female
1053071202
20-22 AWG Female Contacts*
1053002200
2-Pin TPA Strain Relief
1053251002
* Use Gold (Au) plated contacts for 115 °C temperature rating.
Shunt Supply Voltage Requirements
Overcurrent vs. Time
Derating Curve
60
50
40
30
20
10
0
450
400
350
300
250
200
150
100
50
0
0
6
12
18
24
30
36
42
48
54
60
SUPPLY VOLTAGE 4.8 TO 60 (VDC)
CURRENT
POWER
2100
1900
1700
1500
1300
1100
900
700
500
300
100
0.1
1
10
100
1000
10000
TIME (SECONDS)
120
100
80
60
40
20
0
0
25
50
75
100
115
125
150
PRIMARY CONDUCTOR TEMPERATURE (°C)
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Specifications (continued)
Model
Typical Noise (mA RMS) per ADC Reading Interval (ms), 1.25X Range, Zero Current
0.9
1.6
3.2
4.8
6.4
7.2
9
13
26
51
102
205
410
820 1640 3280
SSD-100A
3
3
2
2
2
2
1
1
1
1
1
<1
<1
<1
<1
<1
SSD-250A
8
7
6
5
5
4
4
3
3
2
2
1
1
1
1
<1
SSD-500A
15
13
12
11
10
9
7
7
5
4
3
2
2
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com