Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD-100A-R-T Datasheet(PDF) 20 Page - Bourns Electronic Solutions

Part # SSD-100A-R-T
Description  SSD SeriesRiedon™ Digital Current Sensor with RS485/MODBUS Interface by Bourns
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SSD-100A-R-T Datasheet(HTML) 20 Page - Bourns Electronic Solutions

Back Button SSD-100A-R-T Datasheet HTML 16Page - Bourns Electronic Solutions SSD-100A-R-T Datasheet HTML 17Page - Bourns Electronic Solutions SSD-100A-R-T Datasheet HTML 18Page - Bourns Electronic Solutions SSD-100A-R-T Datasheet HTML 19Page - Bourns Electronic Solutions SSD-100A-R-T Datasheet HTML 20Page - Bourns Electronic Solutions SSD-100A-R-T Datasheet HTML 21Page - Bourns Electronic Solutions SSD-100A-R-T Datasheet HTML 22Page - Bourns Electronic Solutions SSD-100A-R-T Datasheet HTML 23Page - Bourns Electronic Solutions SSD-100A-R-T Datasheet HTML 24Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
SSD Series – Riedon™ Digital Current Sensor with RS485/MODBUS Interface by Bourns
SSD Interface Manual (continued)
NOTE: No settings are saved until a save settings to EEPROM command is issued!
Power cycling will restore previous settings. See RESET command :1RS0F<cr>
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
GQ / SQ GET / SET VBUS OVER LIMIT
Used to configure the optional upper limit for bus voltage readings. Voltages above this value will cause an error that can be read with
the GET ERRORS command if errors aren’t automatically sent. A zero value disables this alert, non-zero values enable alert.
Value is an signed Int16 in Volts. Default VBUS OVER LIMIT: 0 (Disabled).
Example: Set the upper limit to 70 Volts
WRITE
READ
Send:
:1SQ70cr>
Send:
:1G4<cr>
Receive: (none)
Receive: 70<cr>
GU / SU GET / SET POWER OVER LIMIT
Used to configure the optional upper limit for power readings. Power above this value will cause an error that can be read with the
GET ERRORS command if errors aren’t automatically sent. A zero value disables this alert, non-zero values enable alert.
Value is an unsigned Int32 in Watts. Default POWER OVER LIMIT: 0 (Disabled).
Example: Set the upper limit to 22000 Watts
WRITE
READ
Send:
:1SU22000cr>
Send:
:1G5<cr>
Receive: (none)
Receive: 22000<cr>
GN / SN GET / SET SHUNT NANO-OHMS
Used to override the resistance of the SSD from the factory calibration. This is typically not necessary and the correct equipment is
essential to properly set it. Value can be reset back to factory defaults.
Value is an unsigned Int32 in nano-ohms.
Example: To set SHUNT NANO-OHMS to 300156 nano-ohms
WRITE
READ
Send:
:1SN300156cr>
Send:
:1GN<cr>
Receive: (none)
Receive: 330156<cr>
GH / SH GET / SET CURRENT ZERO OFFSET
Used to override the shunt zero offset current. Value can be reset back to factory defaults..
Value is a signed Int16 in mA.
Example: To set SHUNT OFFSET to +8 mA
WRITE
READ
Send:
:1SH8cr>
Send:
:1GH<cr>
Receive: (none)
Receive: 8<cr>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com