Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD-100A-R-T Datasheet(PDF) 18 Page - Bourns Electronic Solutions

Part # SSD-100A-R-T
Description  SSD SeriesRiedon™ Digital Current Sensor with RS485/MODBUS Interface by Bourns
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SSD-100A-R-T Datasheet(HTML) 18 Page - Bourns Electronic Solutions

Back Button SSD-100A-R-T Datasheet HTML 14Page - Bourns Electronic Solutions SSD-100A-R-T Datasheet HTML 15Page - Bourns Electronic Solutions SSD-100A-R-T Datasheet HTML 16Page - Bourns Electronic Solutions SSD-100A-R-T Datasheet HTML 17Page - Bourns Electronic Solutions SSD-100A-R-T Datasheet HTML 18Page - Bourns Electronic Solutions SSD-100A-R-T Datasheet HTML 19Page - Bourns Electronic Solutions SSD-100A-R-T Datasheet HTML 20Page - Bourns Electronic Solutions SSD-100A-R-T Datasheet HTML 21Page - Bourns Electronic Solutions SSD-100A-R-T Datasheet HTML 22Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
SSD Series – Riedon™ Digital Current Sensor with RS485/MODBUS Interface by Bourns
SSD Interface Manual (continued)
NOTE: No settings are saved until a save settings to EEPROM command is issued!
Power cycling will restore previous settings. See RESET command :1RS0F<cr>
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
GR / SR GET / SET A2D CONFIG REGISTER (Continued)
Set the bits required for the application.
Notes:
High Range must be greater than or equal to the Normal Range. If SET MODE Bit1 (Autorange) is not set, High Range will be
ignored. If it is set, the sensor will automaitcally switch between the two ranges specified when necessary.
Reading intervals 13 ms and below utilize hardware averaging, 26 ms and above start using software averaging with a 13 ms
hardware interval time. If it is necessary to capture and report fast current spikes, use fast reading intervals otherwise they will be
averaged out.
Set the Vbus MAX voltage to the highest peak voltage expected. If using the sensor on the highside with voltage measuring, use
300 VDC range or lower.
Value is an unsigned Int16. A2D CONFIG default is: 0x035D
Example: Vbus Max Voltage 300 VDC, High Range 5X Nominal, Normal Range 1.25X Nominal, Reading Interval 820 ms (0x335D).
Send value in hex format.
WRITE
READ
Send:
:1SR335C<cr>
Send:
:1GRcr>
Receive: (none)
Receive: 335C<cr>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com