Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD-100A-R-T Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # SSD-100A-R-T
Description  SSD SeriesRiedon™ Digital Current Sensor with RS485/MODBUS Interface by Bourns
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SSD-100A-R-T Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  SSD-100A-R-T Datasheet HTML 1Page - Bourns Electronic Solutions SSD-100A-R-T Datasheet HTML 2Page - Bourns Electronic Solutions SSD-100A-R-T Datasheet HTML 3Page - Bourns Electronic Solutions SSD-100A-R-T Datasheet HTML 4Page - Bourns Electronic Solutions SSD-100A-R-T Datasheet HTML 5Page - Bourns Electronic Solutions SSD-100A-R-T Datasheet HTML 6Page - Bourns Electronic Solutions SSD-100A-R-T Datasheet HTML 7Page - Bourns Electronic Solutions SSD-100A-R-T Datasheet HTML 8Page - Bourns Electronic Solutions SSD-100A-R-T Datasheet HTML 9Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
SSD Series – Riedon™ Digital Current Sensor with RS485/MODBUS Interface by Bourns
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Installation
Electrical Wiring
High Side
Low Side
Current Only
±1500 VDC
MAX.
+1500 VDC MAX
LOAD
1500 VDC GALVANIC ISOLATION
CHARGER
+1500 VDC MAX
LOAD
1500 VDC GALVANIC ISOLATION
Bus Voltage
Measurements
±1200 VDC
+1200 VDC MAX.
LOAD
10X MAX.
NOMINAL PEAK
CURRENT
1500 VDC GALVANIC ISOLATION
POSITIVE LEAD
INTERNALLY
CONNECTED
FIRMWARE v2.12
Use SETMODE Command to Invert Current and Voltage.
Keep Positive DC Connection Short
to Minimize Bus Voltage Drop Errors.
+1200 VDC MAX
LOAD
1500 VDC GALVANIC ISOLATION
NEGATIVE LEAD
INTERNALLY
CONNECTED
Keep Negative DC Connection Short
to Minimize Bus Voltage Drop Errors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com