Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT12D Datasheet (PDF) - SYC Electronica

HT12D Datasheet PDF - SYC Electronica
Part # HT12D
Download  HT12D Download
File Size   186.8 Kbytes
Page   8 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description 212 Series of Decoders

HT12D Datasheet (PDF)

Go To PDF Page Download Datasheet
HT12D Datasheet PDF - SYC Electronica

Part # HT12D
Download  HT12D Click to download

File Size   186.8 Kbytes
Page   8 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description 212 Series of Decoders

HT12D Datasheet (HTML) - SYC Electronica


HT12D Product details

Features
 Operating voltage: 2.4V~12V
 Low power and high noise immunity CMOS
technology
 Low standby current
 Capable of decoding 12 bits of information
 Pair with Holteks 2
12
series of encoders
 Binary address setting
 Received codes are checked 3 times
 Address/Data number combination
 HT12D: 8 address bits and 4 data bits
 HT12F: 12 address bits only
 Built-in oscillator needs only 5% resistor
 Valid transmission indicator
 Easy interface with an RF or an infrared
transmission medium
 Minimal external components

Applications
 Burglar alarm system
 Smoke and fire alarm system
 Garage door controllers
 Car door controllers
 Car alarm system
 Security system
 Cordless telephones
 Other remote control systems




Similar Part No. - HT12D

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT12D HOLTEK-HT12D Datasheet
165Kb / 9P
2 12 Series of Decoders
July 12, 1999
HT12D HOLTEK-HT12D Datasheet
174Kb / 11P
212 Series of Decoders
November 18, 2002
HT12D-18 HOLTEK-HT12D-18 Datasheet
165Kb / 9P
2 12 Series of Decoders
July 12, 1999
HT12D-20 HOLTEK-HT12D-20 Datasheet
165Kb / 9P
2 12 Series of Decoders
July 12, 1999
HT12D HOLTEK-HT12D_02 Datasheet
174Kb / 11P
212 Series of Decoders
November 18, 2002
More results


Similar Description - HT12D

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT12D HOLTEK-HT12D Datasheet
165Kb / 9P
2 12 Series of Decoders
July 12, 1999
HT602L HOLTEK-HT602L Datasheet
837Kb / 14P
318 Series of Decoders
2nd Oct 97
HT6030 HOLTEK-HT6030 Datasheet
106Kb / 10P
312 Series of Decoders
December 13, 1999
HT604L HOLTEK-HT604L Datasheet
106Kb / 9P
318 Series of Decoders
April 24, 2000
logo
National Semiconductor ...
9301 NSC-9301 Datasheet
76Kb / 3P
1-OF-10 DECODERS
logo
Holtek Semiconductor In...
HT12D HOLTEK-HT12D_02 Datasheet
174Kb / 11P
212 Series of Decoders
November 18, 2002
HT12A HOLTEK-HT12A_03 Datasheet
165Kb / 14P
212 Series of Encoders
January 24, 2003
HT604L HOLTEK-HT604L_03 Datasheet
153Kb / 12P
318 Series of Decoders
January 24, 2003
logo
CTS Corporation
212 CTS-212_07 Datasheet
1Mb / 3P
CTS 212 Rotary Switches
logo
Texas Instruments
CY54FCT138T TI1-CY54FCT138T_14 Datasheet
468Kb / 12P
1-OF-8 DECODERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com