Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT12D Datasheet(PDF) 5 Page - SYC Electronica

Part # HT12D
Description  212 Series of Decoders
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

HT12D Datasheet(HTML) 5 Page - SYC Electronica

  HT12D Datasheet HTML 1Page - SYC Electronica HT12D Datasheet HTML 2Page - SYC Electronica HT12D Datasheet HTML 3Page - SYC Electronica HT12D Datasheet HTML 4Page - SYC Electronica HT12D Datasheet HTML 5Page - SYC Electronica HT12D Datasheet HTML 6Page - SYC Electronica HT12D Datasheet HTML 7Page - SYC Electronica HT12D Datasheet HTML 8Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
212 Series of Decoders
Functional Description
Operation
The 2
12 series of decoders provides various com-
binations of addresses and data pins in differ-
ent packages so as to pair with the 2
12 series of
encoders.
The decoders receive data that are transmitted
by an encoder and interpret the first N bits of
code period as addresses and the last 12-N bits
as data, where N is the address code number. A
signal on the DIN pin activates the oscillator
which in turn decodes the incoming address
and data. The decoders will then check the re-
ceived address three times continuously. If the
received address codes all match the contents of
the decoder¢s local address, the 12-N bits of
data are decoded to activate the output pins
and the VT pin is set high to indicate a valid
transmission. This will last unless the address
code is incorrect or no signal is received.
The output of the VT pin is high only when the
transmission is valid. Otherwise it is always
low.
Output type
Of the 2
12 series of decoders, the HT12F has no
data output pin but its VT pin can be used as a
momentary data output. The HT12D, on the
other hand, provides 4 latch type data pins
whose data remain unchanged until new data
are received.
Part
No.
Data
Pins
Address
Pins
Output
Type
Operating
Voltage
HT12D
4
8
Latch
2.4V~12V
HT12F
0
12
¾
2.4V~12V
Flowchart
The oscillator is disabled in the standby state
and activated when a logic ²high² signal applies
to the DIN pin. That is to say, the DIN should be
kept low if there is no signal input.
Ye s
C ode i n ?
S t or e dat a
No
Ye s
No
No
No
Ye s
S t andby m ode
D i s abl e V T &
i gnor e t h e r e s t o f
th i s w o r d
Ye s
No
Ye s
A ddr es s or
dat a er r o r ?
Lat c h dat a
to o u t pu t &
a c ti v a t e V T
A ddr es s bi t s
m a t c hed ?
Ma t c h
pr e v i ous s t o r e d
dat a ?
Po w e r o n
3 t i m e s
of c hec k i ng
c o m pl e t ed ?



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com