Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT12D Datasheet(PDF) 4 Page - SYC Electronica

Part # HT12D
Description  212 Series of Decoders
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

HT12D Datasheet(HTML) 4 Page - SYC Electronica

  HT12D Datasheet HTML 1Page - SYC Electronica HT12D Datasheet HTML 2Page - SYC Electronica HT12D Datasheet HTML 3Page - SYC Electronica HT12D Datasheet HTML 4Page - SYC Electronica HT12D Datasheet HTML 5Page - SYC Electronica HT12D Datasheet HTML 6Page - SYC Electronica HT12D Datasheet HTML 7Page - SYC Electronica HT12D Datasheet HTML 8Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Electrical Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
2.4
5
12
V
ISTB
Standby Current
5V
Oscillator stops
¾
0.1
1
mA
12V
¾
24
mA
IDD
Operating Current
5V
No load
fOSC=150kHz
¾
200
400
mA
IO
Data Output Source
Current (D8~D11)
5V
VOH=4.5V
-1
-1.6
¾
mA
Data Output Sink
Current (D8~D11)
5V
VOL=0.5V
1
1.6
¾
mA
IVT
VT Output Source Current
5V
VOH=4.5V
-1
-1.6
¾
mA
VT Output Sink Current
VOL=0.5V
1
1.6
¾
mA
VIH
²H² Input Voltage
5V
¾
3.5
¾
5V
VIL
²L² Input Voltage
5V
¾
0
¾
1V
fOSC
Oscillator Frequency
5V
ROSC=51kW¾
150
¾
kHz
212 Series of Decoders



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com