Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT12D Datasheet(PDF) 3 Page - SYC Electronica

Part # HT12D
Description  212 Series of Decoders
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

HT12D Datasheet(HTML) 3 Page - SYC Electronica

  HT12D Datasheet HTML 1Page - SYC Electronica HT12D Datasheet HTML 2Page - SYC Electronica HT12D Datasheet HTML 3Page - SYC Electronica HT12D Datasheet HTML 4Page - SYC Electronica HT12D Datasheet HTML 5Page - SYC Electronica HT12D Datasheet HTML 6Page - SYC Electronica HT12D Datasheet HTML 7Page - SYC Electronica HT12D Datasheet HTML 8Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Pin Description
Pin Name I/O
Internal
Connection
Description
A0~A11
I
NMOS
TRANSMISSION
GATE
Input pins for address A0~A11 setting
They can be externally set to VDD or VSS.
D8~D11
O
CMOS OUT
Output data pins
DIN
I
CMOS IN
Serial data input pin
VT
O
CMOS OUT
Valid transmission, active high
OSC1
I
OSCILLATOR
Oscillator input pin
OSC2
O
OSCILLATOR
Oscillator output pin
VSS
I
¾
Negative power supply (GND)
VDD
I
¾
Positive power supply
Approximate internal connection circuits
Absolute Maximum Ratings
Supply Voltage...............................-0.3V to 13V
Storage Temperature.................-50°Cto125°C
Input Voltage....................VSS-0.3 to VDD+0.3V
Operating Temperature ..............-20°Cto75°C
Note: These are stress ratings only. Stresses exceeding the range specified under ²Absolute Maxi-
mum Ratings² may cause substantial damage to the device. Functional operation of this de-
vice at other conditions beyond those listed in the specification is not implied and prolonged
exposure to extreme conditions may affect device reliability.
212 Series of Decoders
NM O S
T R AN SM I SSI O N
GA T E
C M O S IN
O S C I LLA T O R
OS C 1
OS C 2
CM O S O UT
EN



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com