Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5271 Datasheet (PDF) - Texas Instruments

ADS5271 Datasheet PDF - Texas Instruments
Part # ADS5271
Download  ADS5271 Download
File Size   655.96 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 10-Bit, Octal-Channel ADC Up to 65MSPS

ADS5271 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS5271 Datasheet PDF - Texas Instruments

Part # ADS5271
Download  ADS5271 Click to download

File Size   655.96 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 10-Bit, Octal-Channel ADC Up to 65MSPS

ADS5271 Datasheet (HTML) - Texas Instruments


ADS5271 Product details

1FEATURES
234• Speed and Resolution Grades:
– 10-bit, 65MSPS
• Power Dissipation:
– 46mW/Channel at 30MSPS
– 53mW/Channel at 40MSPS
– 62mW/Channel at 50MSPS
– 74mW/Channel at 65MSPS
• 61.7dBFS SNR at 10MHz IF
• Analog Input Full-Scale Range: 2VPP
• Low-Frequency Noise Suppression Mode
• 6dB Overload Recovery in One Clock
• External and Internal (Trimmed) Reference
• 3.3V Analog Supply, 1.8V Digital Supply
• Single-Ended or Differential Clock:
– Clock Duty Cycle Correction Circuit (DCC)
• Programmable Digital Gain: 0dB to 12dB
• Serialized DDR LVDS Output
• Programmable LVDS Current Drive, Internal
Termination
• Test Patterns for Enabling Output Capture
• Straight Offset Binary or Two's Complement
Output
• Package Options:
– 9mm × 9mm QFN-64

APPLICATIONS
• Medical Imaging
• Wireless Base-Station Infrastructure
• Test and Measurement Instrumentation

DESCRIPTION
The ADS5287 is a high-performance, low-power,
octal channel analog-to-digital converter (ADC).
Available in a 9mm × 9mm QFN package, with
serialized low-voltage differential signaling (LVDS)
outputs and a wide variety of programmable features,
the ADS5287 is highly customizable for a wide range of applications and offers an unprecedented level of
system integration. An application note, XAPP774
(available at www.xilinx.com), describes how to
interface the serial LVDS outputs of TI's ADCs to
Xilinx® field-programmable gate arrays (FPGAs). The
ADS5287 is specified over the industrial temperature
range of –40°C to +85°C.




Similar Part No. - ADS5271

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS5271 BURR-BROWN-ADS5271 Datasheet
537Kb / 19P
8-Channel, 12-Bit, 50MSPS ADC with Serial LVDS Interface
logo
Texas Instruments
ADS5271 TI-ADS5271 Datasheet
1Mb / 28P
8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
ADS5271 TI1-ADS5271 Datasheet
1Mb / 33P
8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
ADS5271 TI1-ADS5271 Datasheet
1Mb / 32P
8-Channel, 12-Bit, 50MSPS Analog-to-Digital Converter with Serial LVDS Interface
ADS5271 TI2-ADS5271 Datasheet
718Kb / 31P
8-Channel, 12-Bit, 70MSPS Analog-to-Digital Converter with Serial LVDS Interface
REVISED JANUARY 2009
More results


Similar Description - ADS5271

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5281 TI-ADS5281 Datasheet
913Kb / 41P
12-Bit Octal-Channel ADC Family Up to 65MSPS
ADS5287 TI-ADS5287 Datasheet
476Kb / 31P
10-Bit, Octal-Channel ADC Up to 65MSPS
logo
Maxim Integrated Produc...
MAX19505 MAXIM-MAX19505 Datasheet
454Kb / 34P
Dual-Channel, 8-Bit, 65Msps ADC
Rev 0; 10/08
MAX19515 MAXIM-MAX19515 Datasheet
340Kb / 35P
Dual-Channel, 10-Bit, 65Msps ADC
Rev 1; 10/08
logo
Texas Instruments
ADS5281 TI-ADS5281_1 Datasheet
1Mb / 44P
12-Bit Octal-Channel ADC Family Up to 65MSPS
logo
Maxim Integrated Produc...
MAX19515 MAXIM-MAX19515_11 Datasheet
552Kb / 35P
Dual-Channel, 10-Bit, 65Msps ADC
Rev 3; 1/11
logo
Texas Instruments
ADS5287IRGCRG4 TI-ADS5287IRGCRG4 Datasheet
824Kb / 42P
10-Bit, Octal-Channel ADC Up to 65MSPS
ADS5272 TI1-ADS5272_13 Datasheet
1Mb / 33P
8-Channel, 12-Bit, 65MSPS ADC
logo
Maxim Integrated Produc...
MAX19505 MAXIM-MAX19505_V01 Datasheet
549Kb / 35P
Dual-Channel, 8-Bit, 65Msps ADC
2010
MAX1207 MAXIM-MAX1207 Datasheet
892Kb / 29P
65Msps, 12-Bit ADC
2004
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com