Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5271 Datasheet(PDF) 1 Page - Texas Instruments

Part # ADS5271
Description  10-Bit, Octal-Channel ADC Up to 65MSPS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5271 Datasheet(HTML) 1 Page - Texas Instruments

  ADS5271 Datasheet HTML 1Page - Texas Instruments ADS5271 Datasheet HTML 2Page - Texas Instruments ADS5271 Datasheet HTML 3Page - Texas Instruments ADS5271 Datasheet HTML 4Page - Texas Instruments ADS5271 Datasheet HTML 5Page - Texas Instruments ADS5271 Datasheet HTML 6Page - Texas Instruments ADS5271 Datasheet HTML 7Page - Texas Instruments ADS5271 Datasheet HTML 8Page - Texas Instruments ADS5271 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
10-Bit
ADC
PLL
Serializer
1xADCLK
6xADCLK
IN1
P
IN1
N
OUT1
P
OUT1
N
LCLK
P
LCLK
N
ADCLK
P
ADCLK
N
12xADCLK
10-Bit
ADC
Serializer
Digital
Digital
Reference
IN8
P
IN8
N
OUT8
P
OUT8
N
Registers
ADC
Control
Clock
Buffer
Power-
Down
Channels
2to7
ADS5287
www.ti.com
SBAS428D – JANUARY 2008 – REVISED JUNE 2012
10-Bit, Octal-Channel ADC Up to 65MSPS
Check for Samples: ADS5287
1
FEATURES
DESCRIPTION
The ADS5287 is a high-performance, low-power,
234
•
Speed and Resolution Grades:
octal
channel
analog-to-digital
converter
(ADC).
–
10-bit, 65MSPS
Available in a 9mm × 9mm QFN package, with
•
Power Dissipation:
serialized low-voltage differential signaling (LVDS)
outputs and a wide variety of programmable features,
–
46mW/Channel at 30MSPS
the ADS5287 is highly customizable for a wide range
–
53mW/Channel at 40MSPS
of applications and offers an unprecedented level of
–
62mW/Channel at 50MSPS
system integration. An application note, XAPP774
(available at www.xilinx.com), describes how to
–
74mW/Channel at 65MSPS
interface the serial LVDS outputs of TI's ADCs to
•
61.7dBFS SNR at 10MHz IF
Xilinx® field-programmable gate arrays (FPGAs). The
•
Analog Input Full-Scale Range: 2VPP
ADS5287 is specified over the industrial temperature
range of –40°C to +85°C.
•
Low-Frequency Noise Suppression Mode
•
6dB Overload Recovery in One Clock
•
External and Internal (Trimmed) Reference
•
3.3V Analog Supply, 1.8V Digital Supply
•
Single-Ended or Differential Clock:
–
Clock Duty Cycle Correction Circuit (DCC)
•
Programmable Digital Gain: 0dB to 12dB
•
Serialized DDR LVDS Output
•
Programmable LVDS Current Drive, Internal
Termination
•
Test Patterns for Enabling Output Capture
•
Straight Offset Binary or Two's Complement
Output
•
Package Options:
–
9mm × 9mm QFN-64
APPLICATIONS
•
Medical Imaging
•
Wireless Base-Station Infrastructure
•
Test and Measurement Instrumentation
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments, Inc.
3
Xilinx is a registered trademark of Xilinx, Inc.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS5271

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS5271 BURR-BROWN-ADS5271 Datasheet
537Kb / 19P
8-Channel, 12-Bit, 50MSPS ADC with Serial LVDS Interface
logo
Texas Instruments
ADS5271 TI-ADS5271 Datasheet
1Mb / 28P
8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
ADS5271 TI1-ADS5271 Datasheet
1Mb / 33P
8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
ADS5271 TI1-ADS5271 Datasheet
1Mb / 32P
8-Channel, 12-Bit, 50MSPS Analog-to-Digital Converter with Serial LVDS Interface
ADS5271 TI2-ADS5271 Datasheet
718Kb / 31P
8-Channel, 12-Bit, 70MSPS Analog-to-Digital Converter with Serial LVDS Interface
REVISED JANUARY 2009
More results

Similar Description - ADS5271

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5281 TI-ADS5281 Datasheet
913Kb / 41P
12-Bit Octal-Channel ADC Family Up to 65MSPS
ADS5287 TI-ADS5287 Datasheet
476Kb / 31P
10-Bit, Octal-Channel ADC Up to 65MSPS
logo
Maxim Integrated Produc...
MAX19505 MAXIM-MAX19505 Datasheet
454Kb / 34P
Dual-Channel, 8-Bit, 65Msps ADC
Rev 0; 10/08
MAX19515 MAXIM-MAX19515 Datasheet
340Kb / 35P
Dual-Channel, 10-Bit, 65Msps ADC
Rev 1; 10/08
logo
Texas Instruments
ADS5281 TI-ADS5281_1 Datasheet
1Mb / 44P
12-Bit Octal-Channel ADC Family Up to 65MSPS
logo
Maxim Integrated Produc...
MAX19515 MAXIM-MAX19515_11 Datasheet
552Kb / 35P
Dual-Channel, 10-Bit, 65Msps ADC
Rev 3; 1/11
logo
Texas Instruments
ADS5287IRGCRG4 TI-ADS5287IRGCRG4 Datasheet
824Kb / 42P
10-Bit, Octal-Channel ADC Up to 65MSPS
ADS5272 TI1-ADS5272_13 Datasheet
1Mb / 33P
8-Channel, 12-Bit, 65MSPS ADC
logo
Maxim Integrated Produc...
MAX19505 MAXIM-MAX19505_V01 Datasheet
549Kb / 35P
Dual-Channel, 8-Bit, 65Msps ADC
2010
MAX1207 MAXIM-MAX1207 Datasheet
892Kb / 29P
65Msps, 12-Bit ADC
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com