Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5271 Datasheet(PDF) 35 Page - Texas Instruments

Part # ADS5271
Description  10-Bit, Octal-Channel ADC Up to 65MSPS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5271 Datasheet(HTML) 35 Page - Texas Instruments

Back Button ADS5271 Datasheet HTML 31Page - Texas Instruments ADS5271 Datasheet HTML 32Page - Texas Instruments ADS5271 Datasheet HTML 33Page - Texas Instruments ADS5271 Datasheet HTML 34Page - Texas Instruments ADS5271 Datasheet HTML 35Page - Texas Instruments ADS5271 Datasheet HTML 36Page - Texas Instruments ADS5271 Datasheet HTML 37Page - Texas Instruments ADS5271 Datasheet HTML 38Page - Texas Instruments ADS5271 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
Threshold 1
Threshold 2
Threshold 3
10 MHz
45 MHz
65 MHz
Sampling Frequency
ADS5287
www.ti.com
SBAS428D – JANUARY 2008 – REVISED JUNE 2012
PLL OPERATION ACROSS SAMPLING
Step 2: Disable the PLL automatic switch and set
FREQUENCY
the PLL configuration depending on the clock
frequency
The ADS528X uses a PLL for generating the high
speed bit clock (LCLK), the frame clock (ADCLK) &
SAMPLE CLOCK FREQUENCY
REGISTER SETTING (Hex)
internal clocks for the serializer operation.
RANGE (MSPS)
Min
Max
Address
Data
To enable operation across the entire frequency
range, the PLL is automatically configured to one of
10
25
E3
0060
four
states,
depending
on
the
sampling
clock
15
45
E3
00A0
frequency range. The frequency range detection is
automatic and each time the sampling frequency
With the above settings applied for the respective
crosses
a
threshold,
the
PLL
changes
its
frequency ranges, the part will continue to
configuration to a new state. To prevent unwanted
operate as per the stated datasheet specifications
toggling of PLL state around a threshold, the circuit
for
all
timing
parameters
at
all
specified
has an inbuilt hysteresis. The ADS528x has three
frequencies, EXCEPT for the timing specifications
thresholds – taking into account the hysteresis range
at 40MSPS. At 40MSPS, the affected parameters
of each threshold, variation across devices and
are – Data setup time, Data hold time and Clock
temperature, the thresholds can span the sampling
propagation delay (refer to LVDS Timing ).
clock frequency range from 10MHz to 45MHz.
2. For sampling clock frequency
≥ 45MSPS
As there are no PLL thresholds beyond 45MHz,
no change in PLL configuration can occur as the
temperature
in
the
system
stabilizes.
The
ADS528x can be used in the system without
using the above software fix.
INPUT OVER-VOLTAGE RECOVERY
The
differential
peak-to-peak
full-scale
range
supported by the ADS5287 is nominally 2.0V. The
ADS5287 is specially designed to handle an over-
Figure 39. Variation of Thresholds Across
voltage condition where the differential peak-to-peak
Sampling Frequency
voltage can be up to twice the ADC full-scale range.
If the input common-mode is not considerably off
from VCM during overload (less than 300mV around
Based on actual system clock frequency, there are
the nominal value of 1.5V), recovery from an over-
two scenarios:
voltage pulse input of twice the amplitude of a full-
1. For sampling clock frequency < 45MSPS
scale pulse is expected to be within one clock cycle
After
system
power
up,
depending
on
the
when the input switches from overload to zero signal.
frequency
of
operation
and
the
frequency
threshold for the given device, the frequency
REFERENCE CIRCUIT
range detection circuit may change state once. In
The digital beam-forming algorithm in an ultrasound
some applications where a timing calibration
system relies on gain matching across all receiver
might be done at the system level once after
channels. A typical system would have about 12 octal
power up, this subsequent change of the PLL
ADCs on the board. In such a case, it is critical to
state might be undesirable as it can cause a loss
ensure that the gain is matched, essentially requiring
of alignment in the received data. A software fix
the reference voltages seen by all the ADCs to be the
for eliminating this one-time change of PLL state
same. Matching references within the eight channels
exists using the serial register interface:
of a chip is done by using a single internal reference
–
Disable the automatic switch of the PLL
voltage buffer. Trimming the reference voltages on
configuration based on frequency detected.
each
chip
during
production
ensures
that
the
–
In addition to disabling the switching, it is also
reference voltages are well-matched across different
required to set the PLL to the correct
chips.
configuration, depending on the sample clock
frequency used in the system.
All bias currents required for the internal operation of
the device are set using an external resistor to
The following sequence of register writes must be
ground at the ISET pin. Using a 56.2kΩ resistor on ISET
followed:
generates an internal reference current of 20
μA. This
Step 1: Write Address = 0x01, Data = 0x0010
current is mirrored internally to generate the bias
current for the internal blocks. Using a larger external
Copyright © 2008–2012, Texas Instruments Incorporated
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com