Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5271 Datasheet(PDF) 3 Page - Texas Instruments

Part # ADS5271
Description  10-Bit, Octal-Channel ADC Up to 65MSPS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5271 Datasheet(HTML) 3 Page - Texas Instruments

  ADS5271 Datasheet HTML 1Page - Texas Instruments ADS5271 Datasheet HTML 2Page - Texas Instruments ADS5271 Datasheet HTML 3Page - Texas Instruments ADS5271 Datasheet HTML 4Page - Texas Instruments ADS5271 Datasheet HTML 5Page - Texas Instruments ADS5271 Datasheet HTML 6Page - Texas Instruments ADS5271 Datasheet HTML 7Page - Texas Instruments ADS5271 Datasheet HTML 8Page - Texas Instruments ADS5271 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
ADS5287
www.ti.com
SBAS428D – JANUARY 2008 – REVISED JUNE 2012
RECOMMENDED OPERATING CONDITIONS
ADS5287
PARAMETER
MIN
TYP
MAX
UNIT
SUPPLIES, ANALOG INPUTS, AND REFERENCE VOLTAGES
AVDD
Analog supply voltage
3.0
3.3
3.6
V
LVDD
Digital supply voltage
1.7
1.8
1.9
V
Differential input voltage range
2
VPP
Input common-mode voltage
VCM ± 0.05
V
REFT
External reference mode
2.5
V
REFB
External reference mode
0.5
V
CLOCK INPUTS
ADCLK input sample rate 1/ tC
10
50, 65
MSPS
Input clock amplitude differential (VCLKP–VCLKN) peak-to-peak
Sine wave, ac-coupled
3.0
VPP
LVPECL, ac-coupled
1.6
VPP
LVDS, ac-coupled
0.7
VPP
Input clock CMOS, single-ended (VCLKP)
VIL
0.6
V
VIH
2.2
V
Input clock duty cycle
50
%
DIGITAL OUTPUTS
ADCLKP and ADCLKN outputs (LVDS)
10
1x (sample rate)
50, 65
MHz
LCLKP and LCLKN outputs (LVDS)
60
6x (sample rate)
300, 390
MHz
CLOAD
Maximum external capacitance from each pin to LVSS
5
pF
RLOAD
Differential load resistance between the LVDS output pairs
100
Ω
TA
Operating free-air temperature
–40
+85
°C
INITIALIZATION REGISTERS
If the analog input is ac-coupled, the following registers must be written to in the order listed below.
ADDRESS (hex)
DATA (hex)
Initialization Register 1
01
0010
Initialization Register 5
E2
00C0
To disable the PLL configuration switching (especially useful in systems where a system-level timing calibration is done once
after power-up), the following registers must be written to in the order listed below. Also, see section PLL Operation Across
Sampling Frequency.
ADDRESS (hex)
DATA (hex)
For 10
≤ Fs ≤ 25 (1)
E3
0060
For 15
≤ Fs = ≤ 45 (1)
E3
00A0
(1)
where Fs = sampling clock frequency
Copyright © 2008–2012, Texas Instruments Incorporated
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com