Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5271 Datasheet(PDF) 28 Page - Texas Instruments

Part # ADS5271
Description  10-Bit, Octal-Channel ADC Up to 65MSPS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5271 Datasheet(HTML) 28 Page - Texas Instruments

Back Button ADS5271 Datasheet HTML 24Page - Texas Instruments ADS5271 Datasheet HTML 25Page - Texas Instruments ADS5271 Datasheet HTML 26Page - Texas Instruments ADS5271 Datasheet HTML 27Page - Texas Instruments ADS5271 Datasheet HTML 28Page - Texas Instruments ADS5271 Datasheet HTML 29Page - Texas Instruments ADS5271 Datasheet HTML 30Page - Texas Instruments ADS5271 Datasheet HTML 31Page - Texas Instruments ADS5271 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
90
85
80
75
70
65
60
55
ClockDutyCycle(%)
35
65
50
45
40
55
SNR(dBFS)
SFDR(dBc)
f =65MHz
f
=10MHz
S
IN
60
95
85
80
75
70
60
ClockDutyCycle(%)
20
80
50
40
30
60
SNR(dBFS)
SFDR(dBc)
f =65MHz
f
=10MHz
S
IN
90
70
65
90
85
80
75
70
65
60
ExternalReferenceCommon-ModeVoltage,(REF +REF )/2(V)
T
B
1.35
1.65
1.50
1.45
1.40
SNR(dBFS)
SFDR(dBc)
f =65MHz
f
=10MHz
S
IN
1.55
1.60
Externalreferencedifferentialvoltagemaintainedat2V.
90
85
80
75
70
65
60
VoltageonV
(V)
CM
1.35
1.65
1.50
1.45
1.40
SNR(dBFS)
SFDR(dBc)
f =65MHz
f
=10MHz
S
IN
1.55
1.60
ADS5287
SBAS428D – JANUARY 2008 – REVISED JUNE 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Typical values at +25°C. Minimum and maximum values are measured across the specified temperature range of TMIN =
–40°C to TMAX = +85°C, AVDD = 3.3V, LVDD = 1.8V, clock frequency = 10MSPS to 65MSPS, 50% clock duty cycle, –1dBFS
differential analog input, internal reference mode, ISET resistor = 56.2kΩ, and LVDS buffer current setting = 3.5mA, unless
otherwise noted.Typical values at +25°C.
DYNAMIC PERFORMANCE
DYNAMIC PERFORMANCE
vs
vs
EXTERNAL REFERENCE COMMON-MODE VOLTAGE
EXTERNAL REFERENCE FORCED THROUGH VCM
Figure 20.
Figure 21.
DYNAMIC PERFORMANCE
DYNAMIC PERFORMANCE
vs
vs
CLOCK DUTY CYCLE
CLOCK DUTY CYCLE
(DCC DISABLED)
(DCC ENABLED)
Figure 22.
Figure 23.
28
Copyright © 2008–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com