Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5271 Datasheet(PDF) 6 Page - Texas Instruments

Part # ADS5271
Description  10-Bit, Octal-Channel ADC Up to 65MSPS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5271 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS5271 Datasheet HTML 2Page - Texas Instruments ADS5271 Datasheet HTML 3Page - Texas Instruments ADS5271 Datasheet HTML 4Page - Texas Instruments ADS5271 Datasheet HTML 5Page - Texas Instruments ADS5271 Datasheet HTML 6Page - Texas Instruments ADS5271 Datasheet HTML 7Page - Texas Instruments ADS5271 Datasheet HTML 8Page - Texas Instruments ADS5271 Datasheet HTML 9Page - Texas Instruments ADS5271 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
ADS5287
SBAS428D – JANUARY 2008 – REVISED JUNE 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Typical values at +25°C. Minimum and maximum values are measured across the specified temperature range of TMIN =
–40°C to TMAX = +85°C, AVDD = 3.3V, LVDD = 1.8V, clock frequency = 10MSPS to 65MSPS, 50% clock duty cycle, –1dBFS
differential analog input, internal reference mode, ISET resistor = 56.2kΩ, and LVDS buffer current setting = 3.5mA, unless
otherwise noted.Typical values at +25°C.
ADS5287
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IAVDD
Analog supply current
139
165
mA
ILVDD
Digital current
Zero input to all channels
87
97
mA
Total power
615
719.1
mW
Obtained on powering down one channel
Incremental power saving
61
mW
at a time
POWER SUPPLY—EXTERNAL REFERENCE MODE
IAVDD
Analog supply current
132
mA
ILVDD
Digital current
Zero input to all channels
87
mA
Total power
592
mW
Obtained on powering down one channel
Incremental power saving
59
mW
at a time
EXTERNAL REFERENCE LOADING
Current drawn by the eight ADCs from the
Switching current
external reference voltages; sourcing for
3.5
mA
REFT, sinking for REFB.
DYNAMIC CHARACTERISTICS
fIN = 5MHz, single-ended clock
72
85
dBc
SFDR
Spurious-free dynamic range
fIN = 30MHz, differential clock
80
dBc
fIN = 5MHz, single-ended clock
72
85
dBc
HD2
Magnitude of second harmonic
fIN = 30MHz, differential clock
82
dBc
fIN = 5MHz, single-ended clock
72
85
dBc
HD3
Magnitude of third harmonic
fIN = 30MHz, differential clock
80
dBc
fIN = 5MHz, single-ended clock
70
80
dBc
THD
Total harmonic distortion
fIN = 30MHz, differential clock
78
dBc
fIN = 5MHz, single-ended clock
60.5
61.7
dBc
SNR
Signal-to-noise ratio
fIN = 30MHz, differential clock
61.7
dBc
fIN = 5MHz, single-ended clock
60.4
61.6
dBc
SINAD
Signal-to-noise and distortion
fIN = 30MHz, differential clock
61.6
dBc
6
Copyright © 2008–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com