Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5271 Datasheet(PDF) 36 Page - Texas Instruments

Part # ADS5271
Description  10-Bit, Octal-Channel ADC Up to 65MSPS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5271 Datasheet(HTML) 36 Page - Texas Instruments

Back Button ADS5271 Datasheet HTML 32Page - Texas Instruments ADS5271 Datasheet HTML 33Page - Texas Instruments ADS5271 Datasheet HTML 34Page - Texas Instruments ADS5271 Datasheet HTML 35Page - Texas Instruments ADS5271 Datasheet HTML 36Page - Texas Instruments ADS5271 Datasheet HTML 37Page - Texas Instruments ADS5271 Datasheet HTML 38Page - Texas Instruments ADS5271 Datasheet HTML 39Page - Texas Instruments ADS5271 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
VREF =1.5V
-
B
V
CM
1.5V
VREF =1.5V+
T
V
CM
1.5V
REF
T
REF
B
I
SET
0.1 F
m
2.2 F
m
0
to
2
W
W
0
to
W
2W
56.2kW
2.2 F
m
0.1 F
m
ADS5287
ADS5287
SBAS428D – JANUARY 2008 – REVISED JUNE 2012
www.ti.com
resistor at ISET reduces the reference bias current and
The device also supports the use of external
thereby scales down the device operating power.
reference voltages. There are two methods to force
However, it is recommended that the external resistor
the references externally. The first method involves
be within 10% of the specified value of 56.2k
Ω so
pulling INT/EXT low and forcing externally REFT and
that the internal bias margins for the various blocks
REFB to 2.5V and 0.5V nominally, respectively. In this
are proper.
mode, the internal reference buffer goes to a 3-state
output. The external reference driving circuit should
Buffering the internal bandgap voltage also generates
be designed to provide the required switching current
the common-mode voltage VCM, which is set to the
for the eight ADCs inside the chip. It should be noted
midlevel of REFT and REFB, and is accessible on pin
that in this mode, VCM and ISET continue to be
53. It is meant as a reference voltage to derive the
generated from the internal bandgap voltage, as in
input common-mode if the input is directly coupled. It
the internal reference mode. It is therefore important
can also be used to derive the reference common-
to ensure that the common-mode voltage of the
mode voltage in the external reference mode. The
externally-forced
reference
voltages
matches
to
suggested decoupling for the reference pins is shown
within 50mV of VCM.
in Figure 40.
The second method of forcing the reference voltages
externally can be accessed by pulling INT/EXT low,
and programming the serial interface to drive the
external reference mode through the VCM pin (register
bit called EXT_REF_VCM). In this mode, VCM
becomes configured as an input pin that can be
driven from external circuitry. The internal reference
buffers driving REFT and REFB are active in this
mode. Forcing 1.5V on the VCM pin in the mode
results in REFT and REFB coming to 2.5V and 0.5V,
respectively. In general, the voltages on REFT and
REFB in this mode are given by Equation 4 and
Equation 5, respectively:
(4)
Figure 40. Suggested Decoupling on the
Reference Pins
(5)
Table 7 describes the state of the reference voltage
internal buffers during various combinations of the
PD, INT/EXT, and EXT_REF_VCM register bits.
Table 7. State of Reference Voltages for Various Combinations of PD, INT/EXT, and EXT_REF_VCM
REGISTER BIT
INTERNAL BUFFER STATE
PD
0
0
1
1
0
0
1
1
INT/EXT
0
1
0
1
0
1
0
1
EXT_REF_VCM
0
0
0
0
1
1
1
1
REFT buffer
3-state
2.5V
3-state
2.5V(1)
1.5V + VCM/1.5V
Do not use
2.5V(1)
Do not use
REFB buffer
3-state
0.5V
3-state
0.5V(1)
1.5V – VCM/1.5V
Do not use
0.5V(1)
Do not use
VCM pin
1.5V
1.5V
1.5V
1.5V
Force
Do not use
Force
Do not use
(1)
Weakly forced with reduced strength.
sections, while LVDD and LVSS are used to denote
the digital supplies. Care is taken to ensure that there
NOISE COUPLING ISSUES
is minimal interaction between the supply sets within
High-speed mixed signals are sensitive to various
the
device.
The
extent
of
noise
coupled
and
types of noise coupling. One primary source of noise
transmitted from the digital to the analog sections
is the switching noise from the serializer and the
depends on:
output buffers. Maximum care is taken to isolate
1. The effective inductances of each of the supply
these noise sources from the sensitive analog blocks.
and ground sets.
As a starting point, the analog and digital domains of
2. The isolation between the digital and analog
the device are clearly demarcated. AVDD and AVSS
supply and ground sets.
are used to denote the supplies for the analog
36
Copyright © 2008–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com