Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMPEX Datasheet (PDF) - Coherent Corp

COMPEX Datasheet PDF - Coherent Corp
Part # COMPEX
Download  COMPEX Download
File Size   1169.64 Kbytes
Page   4 Pages
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp
Description Market Leading UV-Technology

COMPEX Datasheet (PDF)

Go To PDF Page Download Datasheet
COMPEX Datasheet PDF - Coherent Corp

Part # COMPEX
Download  COMPEX Click to download

File Size   1169.64 Kbytes
Page   4 Pages
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp
Description Market Leading UV-Technology

COMPEX Datasheet (HTML) - Coherent Corp


COMPEX Product details

Features and Benefits
• Selection of 157 nm, 193 nm,
248 nm, 308 nm, and 351 nm
wavelengths for full material
flexibility
• Superior pulse energy of up
to 750 mJ to enable effective
ablation at large field size
• Unrivalled pulse stability of
0.75%, rms to ensure high
fluence control
• Ultimate pulse control and
system parameter logging to
deliver smart and reproducible
thin films
Applications
• PLD – Pulsed Laser Deposition
• Thin Wafer Processing
• Laser Lift-Off/Debonding
• LA-ICP-MS




Similar Part No. - COMPEX

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
COMP-1-2 PANASONIC-COMP-1-2 Datasheet
385Kb / 1P
3V LITHIUM COIN CELLS WITH PC MOUNT
COMP-1-2RP PANASONIC-COMP-1-2RP Datasheet
385Kb / 1P
3V LITHIUM COIN CELLS WITH PC MOUNT
COMP-1-2VL PANASONIC-COMP-1-2VL Datasheet
385Kb / 1P
3V LITHIUM COIN CELLS WITH PC MOUNT
COMP-1-2VLH PANASONIC-COMP-1-2VLH Datasheet
385Kb / 1P
3V LITHIUM COIN CELLS WITH PC MOUNT
COMP-1-3 PANASONIC-COMP-1-3 Datasheet
385Kb / 1P
3V LITHIUM COIN CELLS WITH PC MOUNT
More results


Similar Description - COMPEX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM5100APWR TI-PCM5100APWR Datasheet
1Mb / 35P
Market-Leading Low Out-of-Band Noise, Integrated Negative Charge Pump
logo
Panasonic Semiconductor
TQ2L25V PANASONIC-TQ2L25V Datasheet
220Kb / 12P
Leading the market, our 5 mm 2-pole surface mount relays comply with JIS C0806
logo
Lumileds Lighting Compa...
L1T2-3070000000000 LUMILEDS-L1T2-3070000000000 Datasheet
1Mb / 19P
Extreme efficacy that will transform your next market leading luminaire
logo
List of Unclassifed Man...
L1T2-3070000000000 ETC2-L1T2-3070000000000_14 Datasheet
1Mb / 19P
Extreme efficacy that will transform your next market leading luminaire
logo
Actel Corporation
A54SX32-1CQ208B ACTEL-A54SX32-1CQ208B Datasheet
504Kb / 64P
Leading Edge Performance
logo
STMicroelectronics
L99DZ8X STMICROELECTRONICS-L99DZ8X Datasheet
1Mb / 2P
Leading-edge devices
Jun-2014
logo
OSRAM GmbH
LTRBR8SF OSRAM-LTRBR8SF Datasheet
1Mb / 21P
pachinko market
logo
WOLFSPEED, INC.
CPM3-1200-0016A WOLFSPEED-CPM3-1200-0016A Datasheet
566Kb / 8P
Silicon Carbide Power MOSFET C3M TM MOSFET Technology Industry Leading Performance
Rev. 2, 01-2021
CPM3-1200-0021A WOLFSPEED-CPM3-1200-0021A Datasheet
471Kb / 7P
Silicon Carbide Power MOSFET C3M TM MOSFET Technology Industry Leading Performance
Rev. 1 01-2020
CPM3-1200-0075A WOLFSPEED-CPM3-1200-0075A Datasheet
420Kb / 7P
Silicon Carbide Power MOSFET C3M TM MOSFET Technology Industry Leading Performance
Rev. 2, 03-2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com