Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMPEX Datasheet(PDF) 2 Page - Coherent Corp

Part # COMPEX
Description  Market Leading UV-Technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

COMPEX Datasheet(HTML) 2 Page - Coherent Corp

  COMPEX Datasheet HTML 1Page - Coherent Corp COMPEX Datasheet HTML 2Page - Coherent Corp COMPEX Datasheet HTML 3Page - Coherent Corp COMPEX Datasheet HTML 4Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
COMPex
Market Leading UV-Technology
COMPex
Axon
FBG
50
102
110
201
205
F2
Wavelength
Pulse Energy1 (mJ)
157
193
248
308
351
-
-
140
-
-
-
100
150
-
-
-
240
400
250
200
-
240
400
250
200
-
400
750
500
300
-
400
750
500
300
32
400
-
-
-
Max. Rep. Rate (Hz)
100
50
20
100
10
50
50
Average Power2 (W)
157
193
248
308
351
-
-
12
-
-
-
4
7
-
-
-
4.8
8
5
4
-
12
30
16
12
-
4
7.5
5
3
-
15
33
20
15
1.6
15
-
-
-
Energy Stability3 (1 sigma) (%)
≤0.75
Pulse Duration (FWHM) (ns) (typ.)
20
Beam Dimensions (V x H, FWHM) (mm
2) (typ.)
12 x 4.5
14 x 5
24 x 10
24 x 10
24 x 10
24 x 10
22 x 8
Beam Divergence3 (V x H, FWHM) (mrad
2) (typ.)
0.3 x 0.2
2 x 1
3 x 1
3 x 1
3 x 1
3 x 1
3 x 1
Beam Pointing Stability4 (1 sigma) (µrad)
≤50
Spatial Coherence (FWHM) (µm) Horizontal (typ.)
800
-
-
-
-
-
-
Electrical
200 to 240V AC, 16A, 50/60 Hz switchable, 1-phase
100 to 120V AC, 25A, 50/60 Hz switchable, 1-phase
Water Cooling5
≤5 l/min. (1.3 gal./min.), 10 to 20°C, connection: 1/2”
Weight
280 kg (617 lbs.)
325 kg (717 lbs.)
Dimensions (L x W x H)
1258 x 375 x 813 mm³
50 x 15 x 32 in.³
1658 x 375 x 813 mm³
66 x 15 x 32 in.³
Part Number
F-Version
C-Version
1314941
N/A
1314940
N/A
1314942
1314943
1314944
1314945
1314970
1314971
1314972
1314973
1314952
SPECIFICATIONS
1 Measured at low repetition rate.
2 Measured at maximum repetition rate.
3 Specified at 248 nm.
4 At shutter plane over 2000 pulses (157 nm: ≤100 µrad).
5 Only required above 20 Hz, delivered as standard.
COMPex 205 Pulse Energy over
Dynamic Operating Range
0
200
400
600
800
1000
18
High Voltage (kV)
27
26
25
24
23
22
21
20
19
TYPICAL PERFORMANCE DATA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com