Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMPEX Datasheet(PDF) 4 Page - Coherent Corp

Part # COMPEX
Description  Market Leading UV-Technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

COMPEX Datasheet(HTML) 4 Page - Coherent Corp

  COMPEX Datasheet HTML 1Page - Coherent Corp COMPEX Datasheet HTML 2Page - Coherent Corp COMPEX Datasheet HTML 3Page - Coherent Corp COMPEX Datasheet HTML 4Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
COMPex: Additional Control Options1
Coherent, Inc.,
5100 Patrick Henry Drive Santa Clara, CA 95054
p. (800) 527-3786 | (408) 764-4983
f. (408) 764-4646
tech.sales@coherent.com
www.coherent.com
Coherent follows a policy of continuous product improvement. Specifications are
subject to change without notice. Coherent’s scientific and industrial lasers are certified
to comply with the Federal Regulations (21 CFR Subchapter J) as administered by the
Center for Devices and Radiological Health on all systems ordered for shipment after
August 2, 1976.
Coherent offers a limited warranty for all COMPex Lasers. For full details of this warran-
ty coverage, please refer to the Service section at www.Coherent.com or contact your
local Sales or Service Representative.
MC-021-16-0M0122Rev.D Copyright ©2022 Coherent, Inc.
COMPex
Market Leading UV-Technology
HIGH S PEED US B 2.0 STANDARD A
Upload/download data from the Laser
S PEED US B STANDARD B
Virtual Serial Port for input/output of operating modes
ETHERNET NETWORK CONNE CTION RJ 45
Upload/download data to/from the Laser Controller
1 Laptop not included.
ISO 9001 Registered
VISIBLE AND INVISIBLE LASER RADIATION.
AVOID EYE OR SKIN EXPOSURE TO
DIRECT OR SCATTERED RADIATION.
CLASS IV LASER RADIATION PRODUCT
PER EN/IEC 60825-1 (2014)
MAX. OUTPUT POWER: 50 W
MAX. OUTPUT ENERGY: 1 J/pulse
PULSE DURATION: 10 to 50 ns
WAVELENGTH: 157 to 351 nm, 620 to 800 nm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com