Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMPEX Datasheet(PDF) 3 Page - Coherent Corp

Part # COMPEX
Description  Market Leading UV-Technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

COMPEX Datasheet(HTML) 3 Page - Coherent Corp

  COMPEX Datasheet HTML 1Page - Coherent Corp COMPEX Datasheet HTML 2Page - Coherent Corp COMPEX Datasheet HTML 3Page - Coherent Corp COMPEX Datasheet HTML 4Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MECHANICAL SPECIFICATIONS
COMPex 50/100
1256.5 mm (49.47 in.)
1591.5 mm (62.66 in.)
1657.5 mm (65.26 in.)
1234.0 mm (48.58 in.)
35.0 mm (1.38 in.)
30.5 mm
(1.20 in.)
353.1 mm
(13.90 in.)
32.0 to 66.0 mm
(1.26 to 2.60 in.)
36.0 mm
(1.42 in.)
30.0 mm
(1.18 in.)
141.5 mm
(5.57 in.)
30.0 mm
(1.18 in.)
30.0 mm (1.18 in.)
187.5 mm
(7.38 in.)
170.0 mm
(6.69 in.)
315.0 mm
(12.40 in.)
141.5 mm
(5.57 in.)
750.5 mm
(29.55 in.)
603.0 mm
(23.74 in.)
139.0 mm
(5.47 in.)
171.5 mm
(6.75 in.)
354.0 mm
(13.94 in.)
518.0 mm
(20.39 in.)
1256.5 mm (49.47 in.)
1257.5 mm (49.51 in.)
834.0 mm (32.83 in.)
1191.5 mm (46.91 in.)
171.5 mm
(6.75 in.)
35.0 mm (1.38 in.)
30.5 mm
(1.20 in.)
353.1 mm
(13.90 in.)
32.0 to 66.0 mm
(1.26 to 2.60 in.)
30.0 mm
(1.18 in.)
36.0 mm
(1.42 in.)
30.0 mm
(1.18 in.)
141.5 mm
(5.57 in.)
30.0 mm
(1.18 in.)
30.0 mm
(1.18 in.)
170.0 mm
(6.69 in.)
187.5 mm
(7.38 in.)
315.0 mm
(12.40 in.)
141.5 mm
(5.57 in.)
750.5 mm
(29.55 in.)
139.0 mm
(5.47 in.)
354.0 mm
(13.94 in.)
518.0 mm
(20.39 in.)
603.0 mm
(23.74 in.)
COMPex 200/F2
Connection
Side View
Connection
Side View
Beam Exit Side
View
Beam Exit Side
View
Service Side View
Top View
Service Side View
Top View
COMPex
Market Leading UV-Technology



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com