Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCST2103 Datasheet (PDF) - SYC Electronica

TCST2103 Datasheet PDF - SYC Electronica
Part # TCST2103
Download  TCST2103 Download
File Size   316.91 Kbytes
Page   6 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description Transmissive Optical Sensor with Phototransistor Output

TCST2103 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCST2103 Datasheet PDF - SYC Electronica

Part # TCST2103
Download  TCST2103 Click to download

File Size   316.91 Kbytes
Page   6 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description Transmissive Optical Sensor with Phototransistor Output

TCST2103 Datasheet (HTML) - SYC Electronica


TCST2103 Product details

FEATURES
• Package type: leaded
• Detector type: phototransistor
• Dimensions (L x W x H in mm): 24.5 x 6.3 x 10.8
• Gap (in mm): 3.1
• Typical output current under test: IC = 4 mA
(TCST2103)
• Typical output current under test: IC = 2 mA (TCST2202)
• Typical output current under test: IC = 0.5 mA (TCST2300)
• Daylight blocking filter
• Emitter wavelength: 950 nm
• Lead (Pb)-free soldering released
• Compliant to RoHS directive 2002/95/EC and in
accordance to WEEE 2002/96/EC

APPLICATIONS
• Optical switch
• Photo interrupter
• Counter
• Encoder




Similar Part No. - TCST2103

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCST2103 VISHAY-TCST2103 Datasheet
82Kb / 9P
Transmissive Optical Sensor with Phototransistor Output
08-Jun-99
TCST2103 VISHAY-TCST2103 Datasheet
153Kb / 9P
Transmissive Optical Sensor with Phototransistor Output
16-Aug-06
TCST2103 VISHAY-TCST2103 Datasheet
263Kb / 11P
Reflective Optical Sensor with Transistor Output
17-Aug-09
TCST2103 VISHAY-TCST2103 Datasheet
273Kb / 12P
Transmissive Optical Sensor with Phototransistor Output
17-Aug-09
TCST2103 VISHAY-TCST2103 Datasheet
317Kb / 13P
Subminiature Transmissive Optical Sensor with Transistor Output
14-Mar-13
More results


Similar Description - TCST2103

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCST1210 VISHAY-TCST1210 Datasheet
52Kb / 6P
Transmissive Optical Sensor with Phototransistor Output
08-Jun-99
TCST5123 VISHAY-TCST5123 Datasheet
76Kb / 7P
Transmissive Optical Sensor with Phototransistor Output
08-Jun-99
TCST1030 VISHAY-TCST1030_06 Datasheet
164Kb / 10P
Transmissive Optical Sensor with Phototransistor Output
16-Aug-06
TCST1230 VISHAY-TCST1230_06 Datasheet
138Kb / 7P
Transmissive Optical Sensor with Phototransistor Output
06-Nov-06
TCST5250 VISHAY-TCST5250_06 Datasheet
185Kb / 8P
Transmissive Optical Sensor with Phototransistor Output
16-Aug-06
TCST1103 VISHAY-TCST1103 Datasheet
153Kb / 9P
Transmissive Optical Sensor with Phototransistor Output
16-Aug-06
TCST1030 VISHAY-TCST1030_10 Datasheet
243Kb / 11P
Transmissive Optical Sensor with Phototransistor Output
20-Sep-10
TCST2103 VISHAY-TCST2103_09 Datasheet
273Kb / 12P
Transmissive Optical Sensor with Phototransistor Output
17-Aug-09
TCST5250 VISHAY-TCST5250_09 Datasheet
312Kb / 12P
Transmissive Optical Sensor with Phototransistor Output
17-Aug-09
TCST5250 VISHAY-TCST5250 Datasheet
310Kb / 12P
Transmissive Optical Sensor with Phototransistor Output
17-Aug-09
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com