Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCST2103 Datasheet(PDF) 4 Page - SYC Electronica

Part # TCST2103
Description  Transmissive Optical Sensor with Phototransistor Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

TCST2103 Datasheet(HTML) 4 Page - SYC Electronica

  TCST2103 Datasheet HTML 1Page - SYC Electronica TCST2103 Datasheet HTML 2Page - SYC Electronica TCST2103 Datasheet HTML 3Page - SYC Electronica TCST2103 Datasheet HTML 4Page - SYC Electronica TCST2103 Datasheet HTML 5Page - SYC Electronica TCST2103 Datasheet HTML 6Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TCST2103, TCST2202, TCST2300
Transmissive Optical Sensor with
Phototransistor Output
BASIC CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
Fig. 4 - Forward Current vs. Forward Voltage
Fig. 5 - Relative Current Transfer Ratio vs. Ambient Temperature
Fig. 6 - Collector Dark Current vs. Ambient Temperature
Fig. 7 - Collector Current vs. Forward Current
Fig. 8 - Collector Current vs. Collector Emitter Voltage
Fig. 9 - Current Transfer Ratio vs. Forward Current
0.1
1
10
100
1000
0
V
F - Forward Voltage (V)
96 11862
1.6
0.2
1.4
1.2
1.0
0.8
0.6
0.4
2.0
1.8
- 25
0
0.5
1.0
1.5
2.0
Tamb - Ambient Temperature (°C)
95 11089
VCE = 5 V
IF = 20 mA
100
75
50
25
0
0
1
10
100
1000
10 000
Tamb - Ambient Temperature (°C)
95 11090
VCE = 25 V
IF = 0 A
100
75
50
25
0.001
0.01
0.1
1
10
0.1
IF - Forward Current (mA)
96 12066
VCE = 5 V
100
10
1
0.01
0.1
1
10
0.1
VCE - Collector Emitter Voltage (V)
96 12067
20 mA
10 mA
5 mA
2 mA
1 mA
IF = 50 mA
100
10
1
0.1
1
10
100
0.1
IF - Forward Current (mA)
96 12068
VCE = 5 V
100
10
1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com