Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCST2103 Datasheet(PDF) 2 Page - SYC Electronica

Part # TCST2103
Description  Transmissive Optical Sensor with Phototransistor Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

TCST2103 Datasheet(HTML) 2 Page - SYC Electronica

  TCST2103 Datasheet HTML 1Page - SYC Electronica TCST2103 Datasheet HTML 2Page - SYC Electronica TCST2103 Datasheet HTML 3Page - SYC Electronica TCST2103 Datasheet HTML 4Page - SYC Electronica TCST2103 Datasheet HTML 5Page - SYC Electronica TCST2103 Datasheet HTML 6Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TCST2103, TCST2202, TCST2300
Transmissive Optical Sensor with
Phototransistor Output
Note
(1) Tamb = 25 °C, unless otherwise specified
ABSOLUTE MAXIMUM RATINGS
Fig. 1 - Power Dissipation Limit vs. Ambient Temperature
ABSOLUTE MAXIMUM RATINGS (1)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
COUPLER
Total power dissipation
Tamb ≤ 25 °C
Ptot
250
mW
Ambient temperature range
Tamb
- 55 to + 85
°C
Storage temperature range
Tstg
- 55 to + 100
°C
Soldering temperature
Distance to package: 2 mm; t
≤ 5 s
Tsd
260
°C
INPUT (EMITTER)
Reverse voltage
VR
6V
Forward current
IF
60
mA
Forward surge current
tp ≤ 10 µs
IFSM
3A
Power dissipation
Tamb ≤ 25 °C
PV
100
mW
Junction temperature
Tj
100
°C
OUTPUT (DETECTOR)
Collector emitter voltage
VCEO
70
V
Emitter collector voltage
VECO
7V
Collector peak current
tp/T = 0.5, tp ≤ 10 ms
ICM
200
mA
Power dissipation
Tamb ≤ 25 °C
PV
150
mW
Junction temperature
Tj
100
°C
0
0
100
200
300
400
95 11088
Tamb - Ambient Temperature (°C)
Coupled device
Phototransistor
IR-diode
150
120
90
60
30



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com