Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCST2103 Datasheet(PDF) 5 Page - SYC Electronica

Part # TCST2103
Description  Transmissive Optical Sensor with Phototransistor Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

TCST2103 Datasheet(HTML) 5 Page - SYC Electronica

  TCST2103 Datasheet HTML 1Page - SYC Electronica TCST2103 Datasheet HTML 2Page - SYC Electronica TCST2103 Datasheet HTML 3Page - SYC Electronica TCST2103 Datasheet HTML 4Page - SYC Electronica TCST2103 Datasheet HTML 5Page - SYC Electronica TCST2103 Datasheet HTML 6Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TCST2103, TCST2202, TCST2300
Transmissive Optical Sensor with
Phototransistor Output
Fig. 10 - Turn-off/Turn-on Time vs. Collector Current
Fig. 11 - Relative Collector Current vs. Displacement
Fig. 12 - Relative Collector Current vs. Displacement
Fig. 13 - Relative Collector Current vs. Displacement
0
IC - Collector Current (mA)
95 11086
Non saturated
operation
VS = 5 V
RL = 100
Ω
t on
0
5
10
15
20
t off
10
8
6
4
2
0
10
20
30
40
50
60
70
80
90
100
110
- 0.5
s - Displacement (mm)
96 12005
0
s
A = 1 mm
0.2 0.3 0.4 0.5
0.1
0
- 0.1
- 0.2
- 0.3
- 0.4
96 12006
0
s
A = 0.5 mm
0
10
20
30
40
50
60
70
80
90
100
110
- 0.5
s - Displacement (mm)
0.3 0.4
0.2
0.1
0
- 0.1
- 0.2
- 0.3
- 0.4
0.5
96 12007
0
s
A = 0.25 mm
0
10
20
30
40
50
60
70
80
90
100
110
- 0.5
s - Displacement (mm)
0.4
0.3
0.2
0.1
0
- 0.1
- 0.2
- 0.3
- 0.4
0.5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com